Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0451007.NRL Datasheet(Hoja de datos) 4 Page - Littelfuse

No. de Pieza. 0451007.NRL
Descripción  Surface Mount Fuses NANO2® > Very Fast-Acting > 451/453 Series
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo 

   
 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
60
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
451/453 Series
NANO> Very Fast-Acting > 451/453 Series
Please refer to www.littelfuse.com/series/451.html
or /453.html for current information.
Materials
Body: Ceramic
Terminations:
Gold-PlatedCaps(for451RoHS/HFseries)
SnPbPlatedCaps(for451Non-RoHSseries)
Silver-platedCaps(for451RoHSbelow
160mARating&453Series)
Product Marking
Brand,AmpereRating
Operating
Temperature
-55°C to 125°C
Moisture Sensitivity
Level
Level1,J-STD-020C
Solderability
MIL-STD-202,Method208
Insulation
Resistance
(after Opening)
MIL-STD-202,Method302,Test
Condition A (10,000 ohms minimum)
Thermal Shock
MIL-STD-202,Method107,Test
Condition B, 5 cycles, -65°C /
+125°C, 15 minutes @ each
extreme
Mechanical Shock
MIL-STD-202,Method213,TestI:
Deenergized.100G’spkamplitude,
sawtooth wave 6ms duration, 3
cyclesXYZ+xyz=18shocks
Vibration
MIL-STD-202,Method201:0.03”
amplitude,10-55Hzin1min.2hrs
eachXYZ=6hrs
Moisture Resistance
MIL-STD-202,Method106,10
cycles
Salt Spray
MIL-STD-202,Method101,Test
Condition B (48hrs)
Resistance to Soldering
Heat
MIL-STD-202,Method210,Test
condition B (10 sec at 260°C)
Product Characteristics
Dimensions
Packaging
Part Numbering System
F
7 A
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
2.69 ± .25
(.106")
2.69 ± .25
(.106")
1.45
(.057")
6.10 ± .20
(.240")
Recommended pad layout
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
12mmTapeandReel
EIARS-481-2(IEC286,part3)
5000
NR
12mmTapeandReel
EIARS-481-2(IEC286,part3)
1000
MR
0451 001. M R L
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
RefertoElectrical
characteristics table
M=1000pcs
N =5000pcs
R=TapeandReel
RoHS Compliant & Halogen Free
451=Gold/SnPb/SilverPlatedCaps
453=SilverPlatedCaps
NOTE: “L” suffix applies to 451 series only
- 451seriesmaybeorderedaseither“RoHSandHF”(“L”suffix)ornon-RoHS(nosuffix)version.
- 453seriesisavailableonlyasRoHScompliantversionanddoesnotrequire“L”suffix.Pleasedonot
include“L”suffixwithin453seriesorderinginstructions.




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl