Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADDS-2111-EZ-LAB Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADDS-2111-EZ-LAB
Descripción Electrónicos  ADSP-2100 Family Development Tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADDS-2111-EZ-LAB Datasheet(HTML) 10 Page - Analog Devices

Back Button ADDS-2111-EZ-LAB Datasheet HTML 6Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 7Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 8Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 9Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 10Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 11Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 12Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 13Page - Analog Devices ADDS-2111-EZ-LAB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
ADDS-21xx-TOOLS
EZ-ICE EMULATORS: SPECIAL CONSIDERATIONS
Connector Requirements
The PGA probe’s footprint that protrudes from the bottom of
the ADSP-2101 and ADSP-2111 EZ-ICE boards fits into the
DSP chip socket on your target system. Note that the socket
must allow sufficient clearance for the ADSP-21xx’s footprint.
The ADSP-2171 EZ-ICE attaches to the target DSP chip by
simply clipping over the PQFP package version of the DSP. An
alternate approach is needed for use with the TQFP package
version of the DSP. Because the TQFP packaged chip and its
leads are too small for a probe, the target board should include a
pair of header connectors to allow the EZ-ICE board to plug
directly onto it in order to interface with the DSP chip. Both
methods are illustrated in Figure 2.
PQFP ADAPTOR
ADSP-2171 TQFP TARGET BOARD
ADSP-2171 PQFP TARGET BOARD
ADDS-21xx EZ-ICE BOARD
CBA
JP3
JP1
11
0.200 (5.08)
0.333
(8.46)
0.300 (7.62)
MAX ONLY
CUSTOMER
TARGET BOARD
0.125 (3.18)
0.000 (0)
TYP
ALLOW 0.15 IN (30.81 mm)
CLEARANCE
ALL AROUND
FED
SW1
0.810
(20.57)
2.310
(58.67)
3.250
(82.55)
3.100
(78.74)
0.750
(19.05)
2.850 (72.39)
0.200
(5.08)
3.700 (93.98)
3.900 (99.06)
1.800 (45.72)
0.490
(12.45)
1.530 (38.86)
Figure 2. ADDS-2171 EZ-ICE Installation


Número de pieza similar - ADDS-2111-EZ-LAB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-Data Technology
ADDS160022G11 A-DATA-ADDS160022G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDS1600W4G11 A-DATA-ADDS1600W4G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDS1600W8G11 A-DATA-ADDS1600W8G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
logo
Dongguan City Niuhang E...
Addsuffix NIUHANG-Addsuffix Datasheet
6Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Descripción similar - ADDS-2111-EZ-LAB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com