Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0452.750MR Datasheet(PDF) 1 Page - Littelfuse

No. de pieza 0452.750MR
Descripción Electrónicos  Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0452.750MR Datasheet(HTML) 1 Page - Littelfuse

  0452.750MR Datasheet HTML 1Page - Littelfuse 0452.750MR Datasheet HTML 2Page - Littelfuse 0452.750MR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
61
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
452/454 Series
NANO> Slo-Blo® > 452/454 Series
Please refer to www.littelfuse.com/series/452.html
or /454.html for current information.
452/454 Series Fuse
Description
The NANO2 Slo-Blo® fuse has enhanced inrush withstand
characteristics over the NANO2 Fast-Acting fuse. The
unique time delay feature of this fuse design helps solve
the problem of nuisance “opening” by accommodating
inrush currents that normally cause a fast-acting fuse to
open.
Features
temperature range
de-rating
Electrical Characteristics for Series
% of Ampere
Rating
OpeningTime
100%
4 hours, Minimum
200%
1 sec., Min.; 60 sec., Max.
800%
0.02 sec., Min.; 0.1 sec., Max.
PS
E
Electrical Specifications by Item
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2sec)
Agency Approvals
PS
E
1.2000
0.101
x
x
0.240
x
x
0.904
x
x
001.
001.
1.98
x
x
x
xx
x
2.00
002.
8.20
x
x
x
xx
x
20.16
x
x
x
0.0224
xx
x
4.00
004.
0.0186
xx
x
xx
x
xx
8
008.
0.0088
xx
12
012.
0.0061
260.46
x
x
Applications
equipment
protection
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
375mA - 12A
LR29862
375mA - 12A
PS
E
NBK030205-E10480B
1A - 5A
Notes:
- l2t calculated at 8ms.
- Resistance is measured at 10% of rated current, 25ºC
Revised: May 3, 2011


Número de pieza similar - 0452.750MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0452.750MRL LITTELFUSE-0452.750MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
More results

Descripción similar - 0452.750MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0452002.NRL LITTELFUSE-0452002.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452003.NRL LITTELFUSE-0452003.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0454004.MR LITTELFUSE-0454004.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452001.MR LITTELFUSE-0452001.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0454.500MR LITTELFUSE-0454.500MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045201.5MRL LITTELFUSE-045201.5MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045202.5MR LITTELFUSE-045202.5MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045202.5NRL LITTELFUSE-045202.5NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045203.5MR LITTELFUSE-045203.5MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452005.NRL LITTELFUSE-0452005.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452.375MRL LITTELFUSE-0452.375MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com