Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0459.375ER Datasheet(PDF) 2 Page - Littelfuse

No. de pieza 0459.375ER
Descripción Electrónicos  Surface Mount Fuses PICO SMF Fuse > 459 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0459.375ER Datasheet(HTML) 2 Page - Littelfuse

  0459.375ER Datasheet HTML 1Page - Littelfuse 0459.375ER Datasheet HTML 2Page - Littelfuse 0459.375ER Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
459 Series
PICO® SMF Fuse > 459 Series
Please refer to www.littelfuse.com/series/459.html for current information.
Materials
Body: Molded Thermoplastic
Terminations: 100% Tin-plated Copper
(459 Series)
Solderability
MIL-STD-202, Method 208
Product Marking
Body: Brand Logo, Current Rating, Voltage
Rating, Series Code, Date Code, Agency
Approved Logo
Moisture
Sensitivity Level
Level 1 J-STD - 020C
Operating
Temperature
–55OC to 125OC
Product Characteristics
Shock
MIL-STD-202, Method 213, Test
Condition I (100 G’s peak for 6 msecs.)
Vibration
MIL-STD-202, Method 201
(10–55 Hz, 0.06 inch total excursion)
Salt Spray
MIL-STD-202, Method 101,
Test Condition B (48 hours)
Insulation Resistance
(After Opening)
MIL-STD-202, Method 302,
(10,000 ohms minimum at 100 volts)
Thermal Shock
MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C)
Moisture Resistance
MIL-STD-202, Method 106, High
Humidity (90-98 RH), Heat (65°C)
Average Time Current Curves
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
CURRENT IN AMPERES
Soldering Parameters
Temperature Rerating Curve
1. Rerating depicted in this curve is in addition to the standard rerating of 25% for
continuous operation.
Wave Soldering
260°C, 10 seconds max.
Reflow Soldering
260°C, 30 seconds max.


Número de pieza similar - 0459.375ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0459.375 LITTELFUSE-0459.375 Datasheet
77Kb / 1P
   Surface Mount Fuses
0459.375UR LITTELFUSE-0459.375UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
More results

Descripción similar - 0459.375ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0459.125ER LITTELFUSE-0459.125ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.750ER LITTELFUSE-0459.750ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
045902.5ER LITTELFUSE-045902.5ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459003.UR LITTELFUSE-0459003.UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.500ER LITTELFUSE-0459.500ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459005.UR LITTELFUSE-0459005.UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.062ER LITTELFUSE-0459.062ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.250ER LITTELFUSE-0459.250ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459001.ER LITTELFUSE-0459001.ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.200UR LITTELFUSE-0459.200UR Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com