Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG426BRS Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG426BRS
Descripción Electrónicos  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG426BRS Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG426BRS Datasheet HTML 4Page - Analog Devices ADG426BRS Datasheet HTML 5Page - Analog Devices ADG426BRS Datasheet HTML 6Page - Analog Devices ADG426BRS Datasheet HTML 7Page - Analog Devices ADG426BRS Datasheet HTML 8Page - Analog Devices ADG426BRS Datasheet HTML 9Page - Analog Devices ADG426BRS Datasheet HTML 10Page - Analog Devices ADG426BRS Datasheet HTML 11Page - Analog Devices ADG426BRS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
–11–
REV. 0
ADG406/ADG407/ADG426
Test Circuit 9. Reset Turn-Off Time, t
OFF (RS)
Test Circuit 10. Charge Injection
Test Circuit 8. Write Turn-On Time, t
ON (WR)
EN
2.4V
VSS
VDD
VS
VSS
VDD
A3
A2
ADG426
A1
S1
RS
S2 THRU S16
CL
35pF
RL
300
WR
D
VWR
VRS
A0
GND
V
OUT
0V
3V
50%
0V
V0
OUTPUT
WR
0.2V0
tON(WR)
3V
VOUT
∆ VOUT
QINJ = CL x ∆VOUT
LOGIC
INPUT
(VIN)
*SIMILAR CONNECTION FOR ADG406/ADG407
GND
EN
VSS
VDD
CL
1nF
VSS
VDD
ADG426*
RS
WR
D
VIN
2.4V
A2
A1
VOUT
S
VS
RS
A0
A3
EN
2.4V
VSS
VDD
VS
VSS
VDD
A3
A2
ADG426
A1
S1
RS
S2 THRU S16
CL
35pF
RL
300
D
VIN
GND
WR
A0
V
OUT
0V
3V
50%
0V
V0
OUTPUT
RS
0.8V0
tOFF (RS)


Número de pieza similar - ADG426BRS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG426BRS AD-ADG426BRS Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG426BRS-REEL AD-ADG426BRS-REEL Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG426BRS-REEL7 AD-ADG426BRS-REEL7 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG426BRSZ AD-ADG426BRSZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG426BRSZ-REEL AD-ADG426BRSZ-REEL Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results

Descripción similar - ADG426BRS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com