Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML336RAD2N5JLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de pieza ML336RAD2N5JLZ
Descripción Electrónicos  High-Reliability Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML336RAD2N5JLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML336RAD2N5JLZ Datasheet HTML 1Page - Coilcraft lnc. ML336RAD2N5JLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
0805 CHIP INDUCTORS
Document ML197-1 Revised 11/06/12
1. When ordering, please specify
tolerance and testing codes:
ML336RAD51NGLZ
Tolerance: F = 1% G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP
4286 impedance analyzer or equivalent with Coilcraft-provided correla-
tion pieces.
3. Q measured at the same frequency as inductance using an Agilent/HP
4291A with an Agilent/HP 16197 test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent and a Coilcraft SMD-D test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF858 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
Percent
SRF min4
DCR max5
Imax
Part number1
(nH)
tolerance
Q min3
(GHz)
(Ohms)
(A)
ML336RAD2N5JLZ
2.5 @ 250 MHz
5
56 @ 1000 MHz
>5.00
0.020
2.0
ML336RAD5N6JLZ
5.6 @ 250 MHz
5
83 @ 1000 MHz
4.88
0.035
1.9
ML336RAD6N2JLZ
6.2 @ 250 MHz
5
80 @ 1000 MHz
4.55
0.035
1.8
ML336RAD12NJLZ
12 @ 250 MHz
5
52 @ 500 MHz
2.80
0.045
1.6
ML336RAD16N_LZ
16 @ 250 MHz
5,2
72 @ 500 MHz
2.40
0.060
1.4
ML336RAD18N_LZ
18 @ 250 MHz
5,2
70 @ 500 MHz
2.20
0.060
1.4
ML336RAD20N_LZ
20 @ 250 MHz
5,2
54 @ 250 MHz
2.05
0.060
1.4
ML336RAD27N_LZ
27 @ 250 MHz
5,2,1
58 @ 250 MHz
2.00
0.070
1.3
ML336RAD30N_LZ
30 @ 250 MHz
5,2,1
50 @ 250 MHz
1.74
0.095
1.1
ML336RAD39N_LZ
39 @ 250 MHz
5,2,1
53 @ 250 MHz
1.60
0.110
1.0
ML336RAD48N_LZ
48 @ 200 MHz
5,2,1
44 @ 150 MHz
1.40
0.095
1.1
ML336RAD51N_LZ
51 @ 200 MHz
5,2,1
36 @ 150 MHz
1.28
0.120
0.9
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
1.65 mm pocket depth
The ML336RAD inductors provide exceptional Q values,
even at high frequencies. They have a ceramic body and
wire wound construction to provide the highest SRFs, tight
inductance tolerance and batch consistency.
This robust version of Coilcraft’s standard 0805HQ series
features high temperature materials that allow operation
in ambient temperatures up to 155°C.
High-Reliability Chip Inductors ML336RAD


Número de pieza similar - ML336RAD2N5JLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
ML336RAM102JRZ COILCRAFT-ML336RAM102JRZ Datasheet
191Kb / 2P
   High Reliability Chip Inductors
ML336RAM103JRZ COILCRAFT-ML336RAM103JRZ Datasheet
191Kb / 2P
   High Reliability Chip Inductors
ML336RAM111JRZ COILCRAFT-ML336RAM111JRZ Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results

Descripción similar - ML336RAD2N5JLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
   High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
   High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
   High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
   High-Reliability Chip Inductors
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
   High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
MS450RAB COILCRAFT-MS450RAB Datasheet
169Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com