Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML369PJB822MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de pieza ML369PJB822MLZ
Descripción Electrónicos  High Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML369PJB822MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML369PJB822MLZ Datasheet HTML 1Page - Coilcraft lnc. ML369PJB822MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
3008 POWER INDUCTORS
Document ML438-1 Revised 08/11/11
Inductance2
DCR max3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
(Ohms)
min
typ
10% drop
20% drop 30% drop
20°C rise 40°C rise
ML369PJB561MLZ
0.56
0.072
231
330
1.8
2.0
2.1
1.1
1.6
ML369PJB801MLZ
0.80
0.092
178
255
1.6
1.7
1.8
0.88
1.3
ML369PJB102MLZ
1.0
0.125
154
220
1.3
1.4
1.5
0.72
1.0
ML369PJB152MLZ
1.5
0.134
119
170
1.1
1.3
1.3
0.70
0.96
ML369PJB222MLZ
2.2
0.175
105
150
1.0
1.1
1.1
0.68
0.88
ML369PJB332MLZ
3.3
0.285
79.8
114
0.81
0.86
0.88
0.59
0.76
ML369PJB472MLZ
4.7
0.350
60.9
87
0.68
0.73
0.74
0.54
0.64
ML369PJB562MLZ
5.6
0.450
54.6
78
0.62
0.67
0.70
0.46
0.58
ML369PJB682MLZ
6.8
0.500
52.5
75
0.58
0.61
0.63
0.40
0.54
ML369PJB822MLZ
8.2
0.600
42.7
61
0.52
0.56
0.58
0.36
0.48
ML369PJB103MLZ
10
0.650
39.2
56
0.46
0.51
0.52
0.34
0.45
ML369PJB123MLZ
12
0.790
34.3
49
0.45
0.48
0.50
0.30
0.40
ML369PJB183MLZ
18
1.25
26.6
38
0.35
0.38
0.40
0.26
0.35
ML369PJB223MLZ
22
1.50
24.5
35
0.29
0.33
0.34
0.23
0.30
ML369PJB333MLZ
33
2.30
16.1
23
0.27
0.30
0.31
0.20
0.26
ML369PJB473MLZ
47
3.00
14.7
21
0.22
0.23
0.24
0.17
0.22
ML369PJB683MLZ
68
4.75
12.6
18
0.18
0.19
0.20
0.14
0.18
ML369PJB104MLZ
100
6.85
9.8
14
0.15
0.16
0.16
0.13
0.17
ML369PJB124MLZ
120
7.00
9.1
13
0.084
0.094
0.10
0.11
0.15
ML369PJB154MLZ
150
8.00
7.7
11
0.080
0.088
0.092
0.10
0.14
ML369PJB184MLZ
180
9.00
7.0
10
0.070
0.078
0.082
0.10
0.13
ML369PJB224MLZ
220
11.50
6.3
9
0.067
0.073
0.076
0.080
0.12
ML369PJB334MLZ
330
18.00
4.9
7
0.059
0.064
0.066
0.070
0.10
1. When ordering, please specify
testing code:
ML369PJB104MLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A or
equivalent.
High Reliability Power Inductors ML369PJB
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit.
Weight 22 – 25 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″ reel
Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing,
1.37 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤1.5 mm
High temperature materials allow operation in ambient
temperatures up to 155°C
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or equivalent.
5. Typical DC current at which the inductance drops the specified amount
from its value without current.
6. Typical current that causes the specified temperature rise from 25°C
ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Número de pieza similar - ML369PJB822MLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PULS GmbH
ML30.100 PULS-ML30.100 Datasheet
252Kb / 2P
   NEC Class 2 Power Supply
ML30.101 PULS-ML30.101 Datasheet
255Kb / 2P
   NEC Class 2 Power Supply
ML30.102 PULS-ML30.102 Datasheet
212Kb / 2P
   NEC Class 2 Power Supply
ML30.106 PULS-ML30.106 Datasheet
187Kb / 2P
   NEC Class 2 Power Supply
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
More results

Descripción similar - ML369PJB822MLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com