Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML376RAA470_LZ Datasheet(PDF) 2 Page - Coilcraft lnc.

No. de pieza ML376RAA470_LZ
Descripción Electrónicos  High-Reliability Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML376RAA470_LZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML376RAA470_LZ Datasheet HTML 1Page - Coilcraft lnc. ML376RAA470_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ML376RAA Series (1206)
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1206 CHIP INDUCTORS
Document ML104‑2 Revised 11/06/121
Typical Q vs Frequency
Typical L vs Frequency
1000
10000
100
10
1
100
10
Frequency (MHz)
1000
1
1200 nH
560 nH
150 nH
47 nH
18 nH
3.3 nH
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1000
10000
Frequency (MHz)
15 nH
3.3 nH
33 nH
150 nH
680 nH
330 nH
Current Derating
A max B max C max
D ref
E
F
G
H
I
J
0.140 0.085
0.060
0.020 0.056 0.020 0.080 0.076 0.040 0.070
3,56
2,16
1,52
0,51
1,42
0,51
2,03
1,93
1,02
1,78
Core material Ceramic
Terminations Silver‑palladium‑platinum‑glass frit.
Weight: 19.5 – 23.0 mg
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing,
1.6 mm pocket depth
-40 -20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
A
B
overall
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
I
I
J
F
F
G
H
E
terminal
Suggested
Land Pattern


Número de pieza similar - ML376RAA470_LZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
ML378PJB COILCRAFT-ML378PJB Datasheet
235Kb / 2P
   High-Reliability Power Inductors
ML378PJB102MLZ COILCRAFT-ML378PJB102MLZ Datasheet
235Kb / 2P
   High-Reliability Power Inductors
ML378PJB103MLZ COILCRAFT-ML378PJB103MLZ Datasheet
235Kb / 2P
   High-Reliability Power Inductors
ML378PJB104MLZ COILCRAFT-ML378PJB104MLZ Datasheet
235Kb / 2P
   High-Reliability Power Inductors
ML378PJB123MLZ COILCRAFT-ML378PJB123MLZ Datasheet
235Kb / 2P
   High-Reliability Power Inductors
More results

Descripción similar - ML376RAA470_LZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
   High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
   High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
   High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
   High-Reliability Chip Inductors
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
   High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
MS450RAB COILCRAFT-MS450RAB Datasheet
169Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com