Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG709 Datasheet(PDF) 7 Page - Analog Devices |
|
ADG709 Datasheet(HTML) 7 Page - Analog Devices |
7 / 12 page ADG708/ADG709 –7– REV. 0 Typical Performance Characteristics– VD, VS, DRAIN OR SOURCE VOLTAGE – V 8 0 1 234 5 TA = 25 C VSS = 0V 7 6 5 4 3 2 1 0 VDD = 2.7V VDD = 3.3V VDD = 4.5V VDD = 5.5V Figure 1. On Resistance as a Function of VD (VS) for Single Supply VD OR VS – DRAIN OR SOURCE VOLTAGE – V 8 –3.0 TA = 25 C 7 6 5 4 3 2 0 –2.5 –2.0 –1.5 –1.0 –0.5 1.0 1.5 2.0 2.5 3.0 0.5 0 VDD = +2.25V VSS = –2.25V VDD = +2.75V VSS = –2.75V VDD = +3.0V VSS = –3.0V 1 Figure 2. On Resistance as a Function of VD (VS) for Dual Supply VD OR VS – DRAIN OR SOURCE VOLTAGE – V 0 1 23 45 7 6 5 4 3 2 1 0 +85 C +25 C –40 C VDD = 5V VSS = 0V 8 Figure 3. On Resistance as a Function of VD (VS) for Differ- ent Temperatures, Single Supply VD OR VS – DRAIN OR SOURCE VOLTAGE – V 0 0.5 7 6 5 4 3 2 1 0 VDD = 3V VSS = 0V 1.0 1.5 2.0 2.5 3.0 –40 C +25 C +85 C 8 Figure 4. On Resistance as a Function of VD (VS) for Differ- ent Temperatures, Single Supply VD OR VS – DRAIN OR SOURCE VOLTAGE – V 7 6 5 4 3 2 1 0 –3.0 –2.5 –2.0 –1.5 –1.0 1.0 1.5 2.0 2.5 0.5 0 VDD = +3.0V VSS = –3.0V +85 C +25 C –40 C 3.0 8 –0.5 Figure 5. On Resistance as a Function of VD (VS) for Differ- ent Temperatures, Dual Supply VD (VS) – Volts 01 0.12 23 4 5 VDD = 5V VSS = 0V TA = 25 C 0.08 0.04 0.00 –0.04 –0.08 –0.12 ID (ON) IS (OFF) ID (OFF) Figure 6. Leakage Currents as a Function of VD (VS) |
Número de pieza similar - ADG709 |
|
Descripción similar - ADG709 |