Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML432PJB475MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

No. de pieza ML432PJB475MLZ
Descripción Electrónicos  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML432PJB475MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML432PJB475MLZ Datasheet HTML 1Page - Coilcraft lnc. ML432PJB475MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
These parts are preproduction products for electrical evaluation only.
Specification subject to change without notice.
5015 POWER INDUCTORS
Document ML585-1 Revised 07/19/11
DCR
Isat (A)5
Irms (A)6
Inductance2
max3 SRF (MHz)
4
10%
20%
30% 20°C 40°C
Part number1
±20% (µH)
(Ohms) min
typ drop drop
drop rise
rise
ML432PJB102MLZ
1.0
0.050 128 183
3.6
3.8
3.9
1.5
2.1
ML432PJB132MLZ
1.3
0.065 105 150
2.5
2.6
2.8
1.4
1.9
ML432PJB182MLZ
1.8
0.075
89 128
2.6
2.8
2.9
1.2
1.7
ML432PJB222MLZ
2.2
0.090
81 116
2.4
2.6
2.7
1.1
1.6
ML432PJB332MLZ
3.3
0.125
61
88
1.9
2.0
2.0
1.0
1.4
ML432PJB472MLZ
4.7
0.150
51
73
1.6
1.7
1.8
1.0
1.3
ML432PJB562MLZ
5.6
0.175
46
67
1.6
1.6
1.6
0.88 1.2
ML432PJB682MLZ
6.8
0.225
40
57
1.3
1.4
1.5
0.72 1.0
ML432PJB822MLZ
8.2
0.280
34
49
1.3
1.3
1.4
0.68 0.84
ML432PJB103MLZ
10
0.300
31
44
1.2
1.3
1.3
0.64 0.76
ML432PJB123MLZ
12
0.350
28
40
1.0
1.1
1.2
0.60 0.67
ML432PJB153MLZ
15
0.360
27
38
0.80 0.84 0.86 0.58 0.67
ML432PJB183MLZ
18
0.550
24
35
0.75 0.77 0.80 0.56 0.66
ML432PJB223MLZ
22
0.675
22
31
0.70 0.73 0.75 0.48 0.66
ML432PJB333MLZ
33
0.750
17.0 24
0.55 0.59 0.60 0.40 0.56
ML432PJB473MLZ
47
1.00
12.6 18
0.46 0.48 0.49 0.36 0.46
ML432PJB563MLZ
56
1.13
12.0 17
0.40 0.43 0.45 0.32 0.42
ML432PJB683MLZ
68
1.45
10.5 15
0.33 0.38 0.39 0.28 0.38
ML432PJB104MLZ
100
1.95
8.4 12
0.30 0.33 0.34 0.24 0.34
ML432PJB124MLZ
120
2.50
7.0 10
0.25 0.28 0.30 0.22 0.30
ML432PJB154MLZ
150
3.40
6.5
9.3
0.23 0.25 0.26 0.20 0.26
ML432PJB224MLZ
220
4.50
5.1
7.3
0.20 0.21 0.22 0.18 0.23
ML432PJB334MLZ
330
7.40
4.0
5.7
0.15 0.17 0.18 0.14 0.18
ML432PJB474MLZ
470
7.50
3.4
4.9
0.12 0.12 0.13 0.13 0.17
ML432PJB564MLZ
560
8.50
3.0
4.3
0.10 0.11 0.12 0.11 0.15
ML432PJB684MLZ
680
10.6
2.8
4.0
0.10 0.11 0.11 0.10 0.14
ML432PJB105MLZ
1000
15.0
2.2
3.2
0.080 0.090 0.093 0.080 0.12
ML432PJB155MLZ
1500
25.0
1.7
2.5
0.080 0.086 0.088 0.070 0.11
ML432PJB185MLZ
1800
28.0
1.5
2.2
0.078 0.083 0.086 0.070 0.10
ML432PJB225MLZ
2200
36.0
1.5
2.1
0.072 0.078 0.080 0.050 0.070
ML432PJB335MLZ
3300
55.0
1.2
1.7
0.064 0.072 0.076 0.045 0.060
ML432PJB475MLZ
4700
80.0
1.0
1.4
0.062 0.069 0.072 0.035 0.050
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit
Weight 102 – 107 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
1.57 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
High temperature materials allow operation in ambient
temperatures up to 155°C.
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
High-Reliability PowerInductorsML432PJB
1. When ordering, please specify
testing code:
ML432PJB475MLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-
SA-10001
N = Screening per Coilcraft CP-
SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using
an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or
equivalent.
5. Typical DC current that causes the specified
inductance drop from its value without current.
6. Typical current that causes the specified tem-
perature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Com-
ponents” before soldering.


Número de pieza similar - ML432PJB475MLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML4335 LANSDALE-ML4335 Datasheet
2Mb / 4P
   Quad Latch (Open Collector)
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Coilcraft lnc.
ML433PYA COILCRAFT-ML433PYA Datasheet
282Kb / 3P
   High Reliability Power Inductors
ML433PZA COILCRAFT-ML433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
ML433PZA102MLZ COILCRAFT-ML433PZA102MLZ Datasheet
271Kb / 2P
   High Reliability Power Inductors
More results

Descripción similar - ML432PJB475MLZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com