Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG726BSU Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADG726BSU
Descripción Electrónicos  16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG726BSU Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG726BSU Datasheet HTML 5Page - Analog Devices ADG726BSU Datasheet HTML 6Page - Analog Devices ADG726BSU Datasheet HTML 7Page - Analog Devices ADG726BSU Datasheet HTML 8Page - Analog Devices ADG726BSU Datasheet HTML 9Page - Analog Devices ADG726BSU Datasheet HTML 10Page - Analog Devices ADG726BSU Datasheet HTML 11Page - Analog Devices ADG726BSU Datasheet HTML 12Page - Analog Devices ADG726BSU Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ADG726/ADG732
–9–
REV. PrD
PRELIMINARY TECHNICAL DATA
TYPICAL PERFORMANCE CHARACTERISTICS
TB D
TPC 1. On Resistance as a Function of
VD(VS) for for Single Supply
TB D
TPC 2. On Resistance as a Function of
VD(VS) for Dual Supply
TB D
TPC 3. On Resistance as a Function of
VD(VS) for Different Temperatures,
Single Supply
TB D
TPC 4. On Resistance as a Function of
VD(VS) for Different Temperatures,
Single Supply
TB D
TPC 5. On Resistance as a Function of
VD(VS) for Different Temperatures,
Dual Supply
TB D
TPC 6. Leakage Currents as a function
of VD(VS)
TB D
TPC 7. Leakage Currents as a function
of VD(VS)
TB D
TPC 8. Leakage Currents as a function
of VD(VS)
TB D
TPC 9. Leakage Currents as a function
of Temperature


Número de pieza similar - ADG726BSU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG726BSU AD-ADG726BSU Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSU AD-ADG726BSU Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results

Descripción similar - ADG726BSU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG725 AD-ADG725 Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com