Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG749 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADG749
Descripción Electrónicos  CMOS Low Voltage 2.5ohm SPDT Switch In SC70 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG749 Datasheet(HTML) 8 Page - Analog Devices

  ADG749 Datasheet HTML 1Page - Analog Devices ADG749 Datasheet HTML 2Page - Analog Devices ADG749 Datasheet HTML 3Page - Analog Devices ADG749 Datasheet HTML 4Page - Analog Devices ADG749 Datasheet HTML 5Page - Analog Devices ADG749 Datasheet HTML 6Page - Analog Devices ADG749 Datasheet HTML 7Page - Analog Devices ADG749 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG749
–8–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
6-Lead Plastic Surface Mount Package (SC70)
(KS-6)
0.007 (0.18)
0.004 (0.10)
0.012 (0.30)
0.004 (0.10)
8
0
0.012 (0.30)
0.006 (0.15)
0.004 (0.10)
0.000 (0.00)
0.039 (1.00)
0.031 (0.80)
SEATING
PLANE
0.043 (1.10)
0.031 (0.80)
3
5
4
2
6
1
0.087 (2.20)
0.071 (1.80)
PIN 1
0.094 (2.40)
0.071 (1.80)
0.026 (0.65) BSC
0.053 (1.35)
0.045 (1.15)
0.051 (1.30)
BSC


Número de pieza similar - ADG749

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG749 AD-ADG749 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-R2 AD-ADG749BKSZ-R2 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-REEL AD-ADG749BKSZ-REEL Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
More results

Descripción similar - ADG749

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157_15 Datasheet
319Kb / 11P
   Low Voltage SPDT Analog Switch in 6-Pin SC70
logo
Maxim Integrated Produc...
MAX4599EUT MAXIM-MAX4599EUT Datasheet
263Kb / 9P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 2; 2/04
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
logo
Analog Devices
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
logo
Maxim Integrated Produc...
MAX4714 MAXIM-MAX4714 Datasheet
192Kb / 8P
   0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
Rev 0; 4/01
MAX4714 MAXIM-MAX4714_V01 Datasheet
319Kb / 9P
   0.8?? Low-Voltage, Single-Supply SPDT Analog Switch in SC70
19-1982; Rev 1; 5/04
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167 Datasheet
408Kb / 10P
   600MHz Low Voltage SPDT Analog Switch in 6-pin SC70
logo
Analog Devices
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com