Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG742BKS Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADG742BKS
Descripción Electrónicos  CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG742BKS Datasheet(HTML) 6 Page - Analog Devices

  ADG742BKS Datasheet HTML 1Page - Analog Devices ADG742BKS Datasheet HTML 2Page - Analog Devices ADG742BKS Datasheet HTML 3Page - Analog Devices ADG742BKS Datasheet HTML 4Page - Analog Devices ADG742BKS Datasheet HTML 5Page - Analog Devices ADG742BKS Datasheet HTML 6Page - Analog Devices ADG742BKS Datasheet HTML 7Page - Analog Devices ADG742BKS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG741/ADG742
–6–
REV. 0
–Typical Performance Characteristics
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
3.5
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
VDD = 5.0V
TA = 25 C
TPC 1. On Resistance as a Function of VD (VS) Single
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
3.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.0
2.5
2.0
1.5
1.0
0.5
VDD = 3V
+85 C
+25 C
–40 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2.5
2.0
1.5
1.0
0.5
VDD = 5V
+85 C
+25 C
–40 C
3.5
3.0
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V
FREQUENCY – Hz
10m
1
1n
10
10M
10k
100n
10n
10
100
1m
100
1k
100k
1M
VDD = 5V
TPC 4. Supply Current vs. Input Switching Frequency
VDD = 5V, 3V
FREQUENCY – Hz
–10
–50
–110
10M
10k
–60
–70
–40
–30
–20
100k
1M
100M
–100
–90
–80
TPC 5. Off Isolation vs. Frequency
VDD = 3V
FREQUENCY – Hz
0
10M
10k
–4
–2
100k
1M
100M
–6
TPC 6. On Response vs. Frequency


Número de pieza similar - ADG742BKS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG742 AD-ADG742 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG7421FBCPZ-RL7 AD-ADG7421FBCPZ-RL7 Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG742 AD-ADG742_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
More results

Descripción similar - ADG742BKS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
   Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
logo
Analog Devices
ADG841 AD-ADG841_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
ADG842 AD-ADG842_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
logo
Maxim Integrated Produc...
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715 MAXIM-MAX4715 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715 MAXIM-MAX4715_V01 Datasheet
1Mb / 9P
   0.4廓, Low-Voltage, Single-Supply SPST Analog Switches in SC70
2021
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com