Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0453010.MR Datasheet(PDF) 3 Page - Littelfuse

No. de pieza 0453010.MR
Descripción Electrónicos  Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0453010.MR Datasheet(HTML) 3 Page - Littelfuse

  0453010.MR Datasheet HTML 1Page - Littelfuse 0453010.MR Datasheet HTML 2Page - Littelfuse 0453010.MR Datasheet HTML 3Page - Littelfuse 0453010.MR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
59
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
451/453 Series
NANO> Very Fast-Acting > 451/453 Series
Please refer to www.littelfuse.com/series/451.html
or /453.html for current information.
Average Time Current Curves
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (Min to Max) (t
s)
60 – 120 secs
Average ramp up rate (Liquidus Temp
(T
L) to peak
5°C/second max.
T
S(max) to TL - Ramp-up Rate
5°C/second max.
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 90 seconds
Peak Temperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max.
Time 25°C to peak Temperature (T
P)
8 minutes max.
Do not exceed
260°C
Soldering Parameters
Temperature Rerating Curve
1000.000
100
10
1
0.1
0.01
0.001
0.05 0.1
110100
1000
CURRENT IN AMPERES
Note:
1.Deratingdepictedinthiscurveisinadditiontothestandardderatingof25%for
continuous operation.
Wave Soldering Parameters
260°CPeak
Temperature,
10 seconds max.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP


Número de pieza similar - 0453010.MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0453010. LITTELFUSE-0453010. Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
More results

Descripción similar - 0453010.MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0451004.NRL LITTELFUSE-0451004.NRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
0451010.NR LITTELFUSE-0451010.NR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
0453.250MR LITTELFUSE-0453.250MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
0451.800NRL LITTELFUSE-0451.800NRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
0451001.NRL LITTELFUSE-0451001.NRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
0451012.NRL LITTELFUSE-0451012.NRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
0453.315MR LITTELFUSE-0453.315MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
045102.5NRL LITTELFUSE-045102.5NRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
045303.5MR LITTELFUSE-045303.5MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
0453001.MR LITTELFUSE-0453001.MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com