Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1021ARQ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADM1021ARQ
Descripción Electrónicos  Low Cost Microprocessor System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1021ARQ Datasheet(HTML) 1 Page - Analog Devices

  ADM1021ARQ Datasheet HTML 1Page - Analog Devices ADM1021ARQ Datasheet HTML 2Page - Analog Devices ADM1021ARQ Datasheet HTML 3Page - Analog Devices ADM1021ARQ Datasheet HTML 4Page - Analog Devices ADM1021ARQ Datasheet HTML 5Page - Analog Devices ADM1021ARQ Datasheet HTML 6Page - Analog Devices ADM1021ARQ Datasheet HTML 7Page - Analog Devices ADM1021ARQ Datasheet HTML 8Page - Analog Devices ADM1021ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1021
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Low Cost Microprocessor
System Temperature Monitor
FUNCTIONAL BLOCK DIAGRAM
ON-CHIP TEMP.
SENSOR
ANALOG MUX
8-BIT A-TO-D
CONVERTER
LOCAL TEMPERATURE
VALUE REGISTER
REMOTE TEMPERATURE
VALUE REGISTER
BUSY
RUN/STANDBY
LOCAL TEMPERATURE
LOW LIMIT COMPARATOR
STATUS REGISTER
REMOTE TEMPERATURE
LOW LIMIT COMPARATOR
REMOTE TEMPERATURE
HIGH LIMIT COMPARATOR
ADDRESS POINTER
REGISTER
ONE-SHOT
REGISTER
CONVERSION RATE
REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
REMOTE TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT COMPARATOR
REMOTE TEMPERATURE
HIGH LIMIT REGISTER
CONFIGURATION
REGISTER
INTERRUPT
MASKING
EXTERNAL DIODE OPEN-CIRCUIT
SMBUS INTERFACE
ADM1021
TEST
VDD
NC
GND
NC
NC
TEST
D+
D–
ALERT
STBY
SDATA
SCLK
ADD0
ADD1
GND
FEATURES
Improved Replacement for MAX1617
On-Chip and Remote Temperature Sensing
No Calibration Necessary
1 C Accuracy for On-Chip Sensor
3 C Accuracy for Remote Sensor
Programmable Over/Under Temperature Limits
Programmable Conversion Rate
2-Wire SMBus Serial Interface
Supports System Management Bus (SMBus™) Alert
70
A Max Operating Current
3
A Standby Current
3 V to 5.5 V Supply
Small 16-Lead QSOP Package
APPLICATIONS
Desktop Computers
Notebook Computers
Smart Batteries
Industrial Controllers
Telecomms Equipment
Instrumentation
PRODUCT DESCRIPTION
The ADM1021 is a two-channel digital thermometer and under/
over temperature alarm, intended for use in personal computers
and other systems requiring thermal monitoring and manage-
ment. The device can measure the temperature of a micropro-
cessor using a diode-connected PNP transistor, which may be
provided on-chip in the case of the Pentium
® II or similar pro-
cessors, or can be a low cost discrete NPN/PNP device such as
the 2N3904/2N3906. A novel measurement technique cancels
out the absolute value of the transistor’s base emitter voltage, so
that no calibration is required. The second measurement chan-
nel measures the output of an on-chip temperature sensor, to
monitor the temperature of the device and its environment.
The ADM1021 communicates over a two-wire serial interface
compatible with SMBus standards. Under and over temperature
limits can be programmed into the devices over the serial bus,
and an
ALERT output signals when the on-chip or remote
temperature is out of range. This output can be used as an inter-
rupt, or as an SMBus alert.
SMBus is a trademark and Pentium is a registered trademark of Intel Corporation.


Número de pieza similar - ADM1021ARQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL7 AD-ADM1021AARQ-REEL7 Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
More results

Descripción similar - ADM1021ARQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com