Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1108AN-12 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADP1108AN-12
Descripción Electrónicos  Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1108AN-12 Datasheet(HTML) 5 Page - Analog Devices

  ADP1108AN-12 Datasheet HTML 1Page - Analog Devices ADP1108AN-12 Datasheet HTML 2Page - Analog Devices ADP1108AN-12 Datasheet HTML 3Page - Analog Devices ADP1108AN-12 Datasheet HTML 4Page - Analog Devices ADP1108AN-12 Datasheet HTML 5Page - Analog Devices ADP1108AN-12 Datasheet HTML 6Page - Analog Devices ADP1108AN-12 Datasheet HTML 7Page - Analog Devices ADP1108AN-12 Datasheet HTML 8Page - Analog Devices ADP1108AN-12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADP1108
–5–
REV. 0
THEORY OF OPERATION
The ADP1108 is a flexible, low power Switch Mode Power
Supply (SMPS) controller. The regulated output voltage can be
greater than the input voltage (boost or step-up mode) or less
than the input (buck or step-down mode). This device uses a
gated-oscillator technique to provide very high performance
with low quiescent current.
A functional block diagram of the ADP1108 is shown on
the front page. The internal 1.245 V reference is connected to
one input of the comparator, while the other input is externally
connected (via the FB pin) to a feedback network connected to
the regulated output. When the voltage at the FB pin falls
below 1.245 V, the 19 kHz oscillator turns on. A driver amplifier
provides base drive to the internal power switch, and the switching
action raises the output voltage. When the voltage at the FB pin
exceeds 1.245 V, the oscillator is shut off. While the oscillator is
off, the ADP1108 quiescent current is only 110
µA. The
comparator includes a small amount of hysteresis, which
ensures loop stability without requiring external components
for frequency compensation.
The maximum current in the internal power switch can be set
by connecting a resistor between VIN and the ILIM pin. When
the maximum current is exceeded, the switch is turned OFF.
The current limit circuitry has a time delay of about 2
µs. If
an external resistor is not used, connect ILIM to VIN. Further
information on ILIM is included in the Limiting the Switch
Current section of this data sheet.
The ADP1108 internal oscillator provides 36
µs ON and 17 µs
OFF times, which is ideal for applications where the ratio
between VIN and VOUT is roughly a factor of three (such as
generating +5 V from a +2 V input). The 36
µs/17 µs ratio
permits continuous mode operation in such cases, which
increases the available output power.
An uncommitted gain block on the ADP1108 can be connected
as a low-battery detector. The inverting input of the gain block
is internally connected to the 1.245 V reference. The noninverting
input is available at the SET pin. A resistor divider, connected
between VIN and GND with the junction connected to the SET
pin, causes the AO output to go LOW when the low battery set
point is exceeded. The AO output is an open collector NPN
transistor that can sink 100
µA.
The ADP1108 provides external connections for both the collector
and emitter of its internal power switch, which permits both
step-up and step-down modes of operation. For the step-up mode,
the emitter (Pin SW2) is connected to GND and the collector
(Pin SW1) drives the inductor. For step-down mode, the emitter
drives the inductor while the collector is connected to VIN.
The output voltage of the ADP1108 is set with two external
resistors. Three fixed-voltage models are also available: ADP1108-
3.3 (+3.3 V), ADP1108-5 (+5 V) and ADP1108-12 (+12 V). The
fixed-voltage models are identical to the ADP1108, except that
laser-trimmed voltage-setting resistors are included on the chip.
On the fixed-voltage models of the ADP1108, simply connect
the feedback pin (Pin 8) directly to the output voltage.
COMPONENT SELECTION
General Notes on Inductor Selection
When the ADP1108 internal power switch turns on, current
begins to flow in the inductor. Energy is stored in the inductor
core while the switch is on, and this stored energy is then
transferred to the load when the switch turns off. Both the
collector and the emitter of the switch transistor are accessible
on the ADP1108, so the output voltage can be higher, lower, or
of opposite polarity than the input voltage.
To specify an inductor for the ADP1108, the proper values of
inductance, saturation current, and dc resistance must be
determined. This process is not difficult, and specific equations
for each circuit configuration are provided in this data sheet. In
general terms, however, the inductance value must be low
enough to store the required amount of energy (when both
input voltage and switch ON time are at a minimum) but high
enough that the inductor will not saturate when both VIN and
switch ON time are at their maximum values. The inductor
must also store enough energy to supply the load, without
saturating. Finally, the dc resistance of the inductor should be
low, so that excessive power will not be wasted by heating the
windings. For most ADP1108 applications, an inductor of
47
µH to 330 µ , with a saturation current rating of 300 mA to
1 A and dc resistance < 0.4
is suitable. Ferrite core inductors
that meet these specifications are available in small, surface-
mount packages.
To minimize Electro-Magnetic Interference (EMI), a toroid or
pot core type inductor is recommended. Rod core inductors are
a lower cost alternative if EMI is not a problem.
TEMPERATURE –
°C
0.58
0.53
0.28
–40
0
85
25
70
0.48
0.43
0.38
0.33
VCE (SAT) @ ISW = 0.65A
Figure 10. Switch Saturation Voltage In
Step-Up Mode vs. Temperature
TEMPERATURE –
°C
1.2
1.15
0.9
–40
0
85
25
70
1.1
1.05
1
0.95
VCE (SAT) @ ISW = 0.65A
Figure 11. Switch Saturation Voltage In
Step-Down Mode vs. Temperature


Número de pieza similar - ADP1108AN-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

Descripción similar - ADP1108AN-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com