Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJW21192 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MJW21192
Descripción Electrónicos  8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJW21192 Datasheet(HTML) 1 Page - Motorola, Inc

  MJW21192 Datasheet HTML 1Page - Motorola, Inc MJW21192 Datasheet HTML 2Page - Motorola, Inc MJW21192 Datasheet HTML 3Page - Motorola, Inc MJW21192 Datasheet HTML 4Page - Motorola, Inc MJW21192 Datasheet HTML 5Page - Motorola, Inc MJW21192 Datasheet HTML 6Page - Motorola, Inc MJW21192 Datasheet HTML 7Page - Motorola, Inc MJW21192 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Transistors
Specifically designed for power audio output, or high power drivers in audio
amplifiers.
• DC Current Gain Specified up to 8.0 Amperes at Temperature
• All On Characteristics at Temperature
• High SOA: 20 A, 18 V, 100 ms
• TO–247AE Package
MAXIMUM RATINGS
Rating
Symbol
MJW21191
MJW21192
Unit
Collector–Emitter Voltage
VCEO
150
Vdc
Collector–Base Voltage
VCB
150
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
— Peak
IC
8.0
16
Adc
Base Current
IB
2.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
100
0.65
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.65
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
50
_C/W
1.0
Figure 1. Typical Capacitance @ 25
°C
VR, REVERSE VOLTAGE (V)
1.0
10
100
1000
100
1000
10
NPN
PNP
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJW21192/D
© Motorola, Inc. 1997
MJW21192
MJW21191
8.0 AMPERES
POWER TRANSISTORS
COMPLEMENTARY
SILICON
150 VOLTS
100 WATTS
NPN
PNP
CASE 340K–01
TO–247AE


Número de pieza similar - MJW21192

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192 Datasheet
150Kb / 8P
   POWER TRANSISTORS COMPLEMENTARY SILICON
MJW21192 ONSEMI-MJW21192 Datasheet
73Kb / 6P
   8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
June, 2005 ??Rev. 2
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJW21192 ISC-MJW21192 Datasheet
242Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - MJW21192

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
logo
Motorola, Inc
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com