Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5264B Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

No. de pieza 1N5264B
Descripción Electrónicos  Silicon Z?밆iodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Página de inicio  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N5264B Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N5264B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N5264B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Type
VZnom
1)
IZT
for
rzjT
rzjk
at
IZK
IR
at
VR
TKVZ
V
mA
W
W
mA
mA
V
%/K
1N5221B
2.4
20
< 30
< 1200
0.25
< 100
1.0
< –0.085
1N5222B
2.5
20
< 30
< 1250
0.25
< 100
1.0
< –0.085
1N5223B
2.7
20
< 30
< 1300
0.25
< 75
1.0
< –0.080
1N5224B
2.8
20
< 30
< 1400
0.25
< 75
1.0
< –0.080
1N5225B
3.0
20
< 29
< 1600
0.25
< 50
1.0
< –0.075
1N5226B
3.3
20
< 28
< 1600
0.25
< 25
1.0
< –0.070
1N5227B
3.6
20
< 24
< 1700
0.25
< 15
1.0
< –0.065
1N5228B
3.9
20
< 23
< 1900
0.25
< 10
1.0
< –0.060
1N5229B
4.3
20
< 22
< 2000
0.25
< 5
1.0
< +0.055
1N5230B
4.7
20
< 19
< 1900
0.25
< 5
2.0
< +0.030
1N5231B
5.1
20
< 17
< 1600
0.25
< 5
2.0
< +0.030
1N5232B
5.6
20
< 11
< 1600
0.25
< 5
3.0
< +0.038
1N5233B
6.0
20
< 7
< 1600
0.25
< 5
3.5
< +0.038
1N5234B
6.2
20
< 7
< 1000
0.25
< 5
4.0
< +0.045
1N5235B
6.8
20
< 5
< 750
0.25
< 3
5.0
< +0.050
1N5236B
7.5
20
< 6
< 500
0.25
< 3
6.0
< +0.058
1N5237B
8.2
20
< 8
< 500
0.25
< 3
6.5
< +0.062
1N5238B
8.7
20
< 8
< 600
0.25
< 3
6.5
< +0.065
1N5239B
9.1
20
< 10
< 600
0.25
< 3
7.0
< +0.068
1N5240B
10
20
< 17
< 600
0.25
< 3
8.0
< +0.075
1N5241B
11
20
< 22
< 600
0.25
< 2
8.4
< +0.076
1N5242B
12
20
< 30
< 600
0.25
< 1
9.1
< +0.077
1N5243B
13
9.5
< 13
< 600
0.25
< 0.5
9.9
< +0.079
1N5244B
14
9.0
< 15
< 600
0.25
< 0.1
10
< +0.082
1N5245B
15
8.5
< 16
< 600
0.25
< 0.1
11
< +0.082
1N5246B
16
7.8
< 17
< 600
0.25
< 0.1
12
< +0.083
1N5247B
17
7.4
< 19
< 600
0.25
< 0.1
13
< +0.084
1N5248B
18
7.0
< 21
< 600
0.25
< 0.1
14
< +0.085
1N5249B
19
6.6
< 23
< 600
0.25
< 0.1
14
< +0.086
1N5250B
20
6.2
< 25
< 600
0.25
< 0.1
15
< +0.086
1N5251B
22
5.6
< 29
< 600
0.25
< 0.1
17
< +0.087
1N5252B
24
5.2
< 33
< 600
0.25
< 0.1
18
< +0.088
1N5253B
25
5.0
< 35
< 600
0.25
< 0.1
19
< +0.089
1N5254B
27
4.6
< 41
< 600
0.25
< 0.1
21
< +0.090
1N5255B
28
4.5
< 44
< 600
0.25
< 0.1
21
< +0.091
1N5256B
30
4.2
< 49
< 600
0.25
< 0.1
23
< +0.091
1N5257B
33
3.8
< 58
< 700
0.25
< 0.1
25
< +0.092
1N5258B
36
3.4
< 70
< 700
0.25
< 0.1
27
< +0.093
1N5259B
39
3.2
< 80
< 800
0.25
< 0.1
30
< +0.094
1N5260B
43
3.0
< 93
< 900
0.25
< 0.1
33
< +0.095
1N5261B
47
2.7
< 105
< 1000
0.25
< 0.1
36
< +0.095
1N5262B
51
2.5
< 125
< 1100
0.25
< 0.1
39
< +0.096
1N5263B
56
2.2
< 150
< 1300
0.25
< 0.1
43
< +0.096
1N5264B
60
2.1
< 170
< 1400
0.25
< 0.1
46
< +0.097
1N5265B
62
2.0
< 185
< 1400
0.25
< 0.1
47
< +0.097
1N5266B
68
1.8
< 230
< 1600
0.25
< 0.1
52
< +0.097
1N5267B
75
1.7
< 270
< 1700
0.25
< 0.1
56
< +0.098
1) Based on dc–measurement at thermal equilibrium; lead length = 9.5mm (3/8”); thermal resistance of heat sink = 30K/W
Silicon Z–Diodes
1N5221B...1N5267B
Vishay Telefunken
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359


Número de pieza similar - 1N5264B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5264B VISHAY-1N5264B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Shenzhen Taychipst Elec...
1N5264B TAYCHIPST-1N5264B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
First Components Intern...
1N5264B FCI-1N5264B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Sangdest Microelectroni...
1N5264B SMC-1N5264B Datasheet
294Kb / 5P
   ZENER DIODES
logo
Shenzhen Ping Sheng Ele...
1N5264B PFS-1N5264B Datasheet
157Kb / 2P
   Zener diode
More results

Descripción similar - 1N5264B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Taychipst Elec...
BZG03C TAYCHIPST-BZG03C Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
WILLAS ELECTRONIC CORP
1N5221B WILLAS-1N5221B Datasheet
385Kb / 3P
   Silicon Z?밆iodes
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com