Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5820H Datasheet(PDF) 1 Page - Zowie Technology Corporation

No. de pieza 1N5820H
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N5820H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  1N5820H Datasheet HTML 1Page - Zowie Technology Corporation 1N5820H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5820H THRU 1N5822H
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts
Forward Current - 3.0 Amperes
FEATURES
MECHANICAL DATA
* Halogen-free type
* Metal silicon junction, majority carrier conduction
* Guardring for overvoltage protection
* Low power loss, high efficiency, High surge capability
* High current capability, low forward voltage drop
* For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
* High temperature soldering guaranteed :
260
oC / 10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
* The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Case : JEDEC DO-201AD Molded plastic body
Terminals : Tin Plated, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.04 ounce, 1.12 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=95
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0 A
Maximum instantaneous reverse
current at rated DC reverse voltage
TA=25
o
C
TA=100
o
C
Typical junction capacitance ( NOTE 1 )
Typical thermal resistance ( NOTE 2 )
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ,TSTG
1N5820H
1N5821H
1N5822H
20
30
40
14
21
28
3.0
80
0.475
0.500
0.525
2.0
20.0
250
40
10
-65 to +125
UNITS
Volts
Volts
Maximum DC blocking voltage
20
30
40
Volts
Volts
Maximum instantaneous forward voltage at 9.4 A
VF
0.850
0.900
0.950
Volts
Amps
Amps
mA
pF
o
C / W
o
C
DO-201AD
*Dimensions in inches and (millimeters)
R JA
R JL
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to lead vertical P.C.B. mounted, 0.5" (12.7mm) lead length with 2.5 x 2.5" (63.5 x 63.5mm) copper pad
0.220(5.6)
0.052(1.3)
0.048(1.2)
0.190(4.8)
DIA.
DIA.
Zowie Technology Corporation
REV. 0


Número de pieza similar - 1N5820H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N5820H PANJIT-1N5820H Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - 1N5820H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com