Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3801AR Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADP3801AR
Descripción Electrónicos  High Frequency Switch Mode Dual Li-Ion Battery Chargers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3801AR Datasheet(HTML) 5 Page - Analog Devices

  ADP3801AR Datasheet HTML 1Page - Analog Devices ADP3801AR Datasheet HTML 2Page - Analog Devices ADP3801AR Datasheet HTML 3Page - Analog Devices ADP3801AR Datasheet HTML 4Page - Analog Devices ADP3801AR Datasheet HTML 5Page - Analog Devices ADP3801AR Datasheet HTML 6Page - Analog Devices ADP3801AR Datasheet HTML 7Page - Analog Devices ADP3801AR Datasheet HTML 8Page - Analog Devices ADP3801AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics–ADP3801/ADP3802
–5–
REV. 0
VBAT ACCURACY – %
0
–0.5
20
–0.4
–0.3
–0.1
0.1
0.3
0.5
–0.2
0
0.2
0.4
0.6
40
60
80
100
VCC = 10V
TA = +25 C
Figure 2. VBAT Accuracy Distribution
VADJ – Volts
0
0.5
1.0
1.5
2.0
3.0
3.5
–15
–10
–5
0
5
10
15
2.5
VCC = 10V
TA = +25 C
Figure 5. VBAT Percent Change vs. VADJ
LDO LOAD CURRENT – mA
01
2
3
4
6
7
3.3
3.4
3.5
3.6
3.7
58
9
10
TA = +25 C
Figure 8. UVLO Trip Point-Off vs.
LDO Load Current
TEMPERATURE – C
–0.4
–40
VCC = 10V
–20
0
20
40
60
80
100
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
Figure 3. VBAT Accuracy vs.
Temperature
TEMPERATURE – C
–40
–20
0
20
40
80
100
6
7
8
9
10
60
VCC = 10V
5
Figure 6. Overvoltage Comparator
Threshold vs. Temperature
TEMPERATURE – C
–40
–0.3
–0.2
–0.1
0
0.1
0.3
0.2
–20
0
20
40
60
80
100
VCC = 10V
Figure 9. LDO Accuracy vs.
Temperature
SUPPLY VOLTAGE – Volts
TA = +25 C
VBAT = 4.2V
6
8
10
12
14
18
20
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
16
Figure 4. VBAT Accuracy vs. Supply
Voltage
TEMPERATURE – C
–40
–20
0
20
40
80
100
180
185
190
195
200
60
VCC = 10V
Figure 7. Overcurrent Comparator
Threshold vs. Temperature
SUPPLY VOLTAGE – Volts
46
8
10
12
16
18
0
0.1
0.2
14
20
TA = +25 C
–0.2
–0.1
Figure 10. LDO Accuracy vs. Supply
Voltage


Número de pieza similar - ADP3801AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
More results

Descripción similar - ADP3801AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
   High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
ADP3806 AD-ADP3806 Datasheet
274Kb / 16P
   High-Frequency Switch Mode Li-Ion Battery Charger
REV. B
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
   High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Mitsumi Electronics, Co...
DTC-S1P MITSUMI-DTC-S1P Datasheet
157Kb / 2P
   AC Chargers for Li-ion Battery Pack
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com