Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYD17ZJH Datasheet(PDF) 1 Page - Zowie Technology Corporation

No. de pieza BYD17ZJH
Descripción Electrónicos  Sintered Glass Passivated Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BYD17ZJH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BYD17ZJH Datasheet HTML 1Page - Zowie Technology Corporation BYD17ZJH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 1.0A)
BYD17ZH series
Unit : mm
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
DH
200
GH
400
JH
600
KH
800
MH
1000
V
IF(AV)
A
IFSM
A
Tj,TSTG
30
-65 to +175
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
BYD17Z
1.0
Repetitive peak reverse voltage
Operating storage temperature Range
Sintered Glass Passivated Rectifier
* Halogen-free type
* Lead free product, compliance to RoHS
* GPRC (Glass passivated rectifier chip) inside
* Lead less chip form, no lead damage
* Lead-free solder joint, no wire bond & lead frame
* Low power loss, High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* High frequency rectification
* AC/DC Power Supply
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.012 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
oC
Electrical characteristics (Ta = 25
o
C)
VF
IF = 0.1A
IF = 0.5A
IF = 1.0A
ITEM
Symbol
Conditions
Min.
Typ.
V
-
-
-
0.80
0.91
0.93
-
-
1.00
Max.
Unit
Forward voltage (NOTE 1)
-
80
-
Rth(JA)
Junction to ambient (NOTE 1)
Thermal resistance
oC/W
-
40
-
Rth(JL)
Junction to lead (NOTE 1)
pF
-
12
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.18
1
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
3000
-
-
nS
Trr
Reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
2007/09
REV. 0
NOTES : (1) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
(2) Preliminary draft.
MARKING
Cathode mark
GPRC chip
Series code
Standard
Voltage class
17
Z
JEDEC : SOD123 / SOD87 / GL1M
3.40 ± 0.2
0.05
R0.40
0.70 ± 0.2
0.70 ± 0.2
Halogen-free type
.
Case : 1206


Número de pieza similar - BYD17ZJH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
BYD17ZJH ZOWIE-BYD17ZJH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
More results

Descripción similar - BYD17ZJH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CGPA10MM COMCHIP-CGPA10MM Datasheet
61Kb / 2P
   Glass Passivated Sintered Rectifier
logo
Zowie Technology Corpor...
AUBYD17ZDH ZOWIE-AUBYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
BYD17ZDH ZOWIE-BYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
DF005L ZOWIE-DF005L Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GBJ25A ZOWIE-GBJ25A Datasheet
269Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GP15A TAITRON-GP15A Datasheet
138Kb / 4P
   1.5A Sintered Glass Passivated Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com