Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3806JRU-126 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADP3806JRU-126
Descripción Electrónicos  High-Frequency Switch Mode Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3806JRU-126 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3806JRU-126 Datasheet HTML 7Page - Analog Devices ADP3806JRU-126 Datasheet HTML 8Page - Analog Devices ADP3806JRU-126 Datasheet HTML 9Page - Analog Devices ADP3806JRU-126 Datasheet HTML 10Page - Analog Devices ADP3806JRU-126 Datasheet HTML 11Page - Analog Devices ADP3806JRU-126 Datasheet HTML 12Page - Analog Devices ADP3806JRU-126 Datasheet HTML 13Page - Analog Devices ADP3806JRU-126 Datasheet HTML 14Page - Analog Devices ADP3806JRU-126 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
ADP3806
–11–
The oscillator frequency is set by the external capacitor at the
CT pin and the internal current source of 150
mA according to
the following formula:
f
A
Cr
V
OSC
=
¥¥
150
22
15
m
..
(3)
A 180 pF capacitor sets the frequency to 250 kHz. The frequency
can also be synchronized to an external oscillator by applying a
square wave input on SYNC. The SYNC function is designed
to allow increases only in the oscillator frequency. The fSYNC
should be no more than 20% higher than fOSC. The duty cycle
of the SYNC input is not important and can be anywhere
between 5% and 95%.
7 V Bootstrap Regulator
The driver stage is powered by the internal 7 V bootstrap regu-
lator, which is available at the BSTREG pin. Because the
switching currents are supplied by this regulator, decoupling
must be added. A 0.1
mF capacitor should be placed close to the
ADP3806, with the ground side connected close to the power
ground pin, PGND. This supply is not recommended for use
externally due to high switching noise.
Bootstrapped Synchronous Driver
The PWM comparator controls the state of the synchronous
driver shown in Figure 3. A high output from the PWM com-
parator forces DRVH on and DRVL off. The drivers have an on
resistance of approximately 6
W for fast rise and fall times when
driving external MOSFETs. Furthermore, the bootstrapped
drive allows an external NMOS transistor for the main switch
instead of a PMOS. An external boost diode should be con-
nected between BSTREG and BST, and a boost capacitor of
0.1
mF must be added externally between BST and SW. The
voltage between BST and SW is typically 6.5 V.
The DRVL pin switches between BSTREG and PGND. The 7 V
output of BSTREG drives the external NMOS with high VGS
to lower the on resistance. PGND should be connected close to
the source pin of the external synchronous NMOS. When DRVL
is high, this turns on the lower NMOS and pulls the SW node
to ground. At this point, the boost capacitor is charged up through
the boost diode. When the PWM switches high, DRVL is turned
off and DRVH turns on. DRVH switches between BST and
SW. When DRVH is on, the SW pin is pulled up to the input
supply (typically 16 V), and BST rises above this voltage by
approximately 6.5 V.
Overlap protection is included in the driver to ensure that both
external MOSFETs are not on at the same time. When DRVH
turns off the upper MOSFET, the SW node goes low due to the
inductor current. The ADP3806 monitors the SW voltage, and
DRVL goes high to turn on the lower MOSFET when SW goes
below 1 V. When DRVL turns off, an internal timer adds a
delay of 50 ns before turning DRVH on.
When the charge current is low, the DRVLSD comparator
signals the driver to turn off the low side MOSFET and DRVL
is held low. As shown in Figure 1, the DRVLSD comparator
looks at the output of AMP1. The DRVLSD threshold is set to
1.2 V, corresponding to 48 mV differential voltage between the
CS pins.
The driver stage monitors the voltage across the BST capacitor
with CMP3. When this voltage is less than 4 V, CMP3 forces a
minimum offtime of 200 ns. This ensures that the BST capacitor is
charged even during DRVLSD. However, because a minimum
off time is only forced when needed, the maximum duty cycle is
greater than 99%.
2.5 V Precision Reference
The voltage at the BAT pin is compared to an internal preci-
sion, low temperature drift reference of 2.5 V. The reference is
available externally at the REF pin. This pin should be bypassed
with a 100 pF capacitor to the analog ground pin, AGND. The
reference can be used as a precision voltage externally. How-
ever, the current draw should not be greater than 100
mA, and
noisy, switching type loads should not be connected.
6 V Regulator
The 6 V regulator supplies power to most of the analog circuitry
on the ADP3806. This regulator should be bypassed to AGND
with a 0.1
mF capacitor. This reference has a 3 mA source capa-
bility to power external loads if needed.
LC
The ADP3806 provides a low current (LC) logic output to signal
when the current sense voltage (VCS) is below a fixed threshold
and the battery voltage is greater than 95%. LC is an open-drain
output that is pulled low when VCS is above the threshold. When
the low current threshold condition is reached, LC is pulled
high by an external resistor to REF or another appropriate pull-up
voltage. To determine when LC goes low, an internal compara-
tor senses when the current falls below 12.5% of full scale (20 mV
across the CS pins). The comparator has hysteresis to prevent
oscillation around the trip point.
To prevent false triggering (such as during soft-start), the com-
parator is only enabled when the battery voltage is within 5% of
its final voltage. As the battery is charging up, the comparator
will not go low even if the current falls below 12.5% as long as
the battery voltage is below 95% of full scale. Once the battery
has risen above 95%, the comparator is enabled. This pin can
be used to indicate the end of the charge process.
System Current Sense
An uncommitted differential amplifier is provided for additional
high side current sensing. This amplifier, AMP2, has a fixed
gain of 50 V/V from the SYS+ and SYS– pins to the analog
output at ISYS. ISYS has a 1 mA source capability to drive an
external load. The common-mode range of the input pins is
from 4 V to VCC. This amplifier is the only part of the ADP3806
that remains active during shutdown. The power to this block is
derived from the bias current on the SYS+ and SYS– pins.
A separate comparator at the LIMIT pin signals when the voltage
on the ISYS pin exceeds 2.5 V typically. The internal compara-
tor has an open-drain output, which produces the function
shown in the TPC 10 graph of VLIMIT versus VISYS. The LIMIT
pin should be externally pulled up to 5 V, 2.5 V, or some other
voltage as needed through a resistor. This graph was taken with
a 50 k
W pull-up resistor to 5 V and to 2.5 V. When ISYS is
below 2.4 V, the LIMIT pin has high output impedance. The
open-drain output is capable of sinking 700
mA when the thresh-
old is exceeded. This comparator is turned off during shutdown
to conserve power.


Número de pieza similar - ADP3806JRU-126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3801AR AD-ADP3801AR Datasheet
256Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802 Datasheet
256Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802AR AD-ADP3802AR Datasheet
256Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
More results

Descripción similar - ADP3806JRU-126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
   High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
   High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
   High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com