Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LAA127 Datasheet(PDF) 3 Page - IXYS Corporation

No. de pieza LAA127
Descripción Electrónicos  Dual Single-Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA127 Datasheet(HTML) 3 Page - IXYS Corporation

  LAA127_12 Datasheet HTML 1Page - IXYS Corporation LAA127_12 Datasheet HTML 2Page - IXYS Corporation LAA127_12 Datasheet HTML 3Page - IXYS Corporation LAA127_12 Datasheet HTML 4Page - IXYS Corporation LAA127_12 Datasheet HTML 5Page - IXYS Corporation LAA127_12 Datasheet HTML 6Page - IXYS Corporation LAA127_12 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LAA127
www.ixysic.com
3
R11
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
35
30
25
20
15
10
5
0
1.18
1.20
1.22
1.24
1.26
LED Forward Voltage Drop (V)
Typical Turn-On Time
(N=50, I
F=5mA, IL=200mADC)
0.33
0.39
0.45
0.30
0.36
0.42
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=200mADC)
0.13
0.15
0.14
0.16
Turn-Off Time (ms)
25
20
15
10
5
0
0.17
0.12
Typical IF for Switch Operation
(N=50, I
L=200mADC)
LED Current (mA)
25
20
15
10
5
0
0.35
0.45
0.55
0.40
0.50
0.60
LED Current (mA)
0.40
0.44
0.48
0.52
0.56
0
5
10
15
20
Typical I
F for Switch Dropout
(N=50, I
L=200mADC)
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=200mADC)
25
20
15
10
5
0
6.70
6.80
6.90
6.75
6.85
6.95
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
25
20
15
10
5
0
332
334
336
340
338
342
Blocking Voltage (V
P)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=20mA
I
F=50mA
LED Forward Current (mA)
0
1020
304050
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
1020
304050
0.140
0.145
0.150
0.155
0.160
0.165
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mADC)


Número de pieza similar - LAA127_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA127L IXYS-LAA127L Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LAA127LS CLARE-LAA127LS Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA127LS IXYS-LAA127LS Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LAA127LSTR CLARE-LAA127LSTR Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
More results

Descripción similar - LAA127_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com