Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7Y72-80E Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BUK7Y72-80E
Descripción Electrónicos  N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y72-80E Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK7Y72-80E Datasheet HTML 4Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 5Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 6Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 7Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 8Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 9Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 10Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 11Page - NXP Semiconductors BUK7Y72-80E Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
BUK7Y72-80E
N-channel 80 V, 72 mΩ standard level MOSFET in LFPAK56
BUK7Y72-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
8 / 13
003aaj817
0
0.6
1.2
1.8
2.4
3
-60
0
60
120
180
Tj (°C)
a
Fig. 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aai712
0
2
4
6
8
10
0
2
4
6
8
10
QG(nC)
VGS
(V)
VDS= 64V
VDS= 14V
Fig. 13. Gate-source voltage as a function of gate
charge; typical values
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 14. Gate charge waveform definitions
003aai713
10
102
103
10-1
1
10
102
VDS(V)
C
(pF)
Ciss
Crss
Coss
Fig. 15. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values


Número de pieza similar - BUK7Y72-80E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK7Y72-80E NEXPERIA-BUK7Y72-80E Datasheet
747Kb / 13P
   N-channel 80 V, 72 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y72-80E PHILIPS-BUK7Y72-80E_15 Datasheet
326Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results

Descripción similar - BUK7Y72-80E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7Y72-80E PHILIPS-BUK7Y72-80E_15 Datasheet
326Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y7R8-80E NXP-BUK7Y7R8-80E Datasheet
298Kb / 13P
   N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y14-80E NXP-BUK7Y14-80E Datasheet
350Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y9R9-80E NXP-BUK7Y9R9-80E Datasheet
294Kb / 13P
   N-channel 80 V, 9.9 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E NXP-BUK7Y25-80E Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E PHILIPS-BUK7Y25-80E_15 Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y14-80E PHILIPS-BUK7Y14-80E_15 Datasheet
351Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y41-80E PHILIPS-BUK7Y41-80E_15 Datasheet
353Kb / 13P
   N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y98-80E NXP-BUK7Y98-80E Datasheet
467Kb / 13P
   N-channel 80 V, 98 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y41-80E NXP-BUK7Y41-80E Datasheet
353Kb / 13P
   N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com