Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADV473KP110 Datasheet(PDF) 3 Page - Analog Devices |
|
ADV473KP110 Datasheet(HTML) 3 Page - Analog Devices |
3 / 12 page ADV473 –3– REV. A TIMING CHARACTERISTICS1 (VAA 2 = 5 V; V REF = 1.235 V; RL = 37.5 Ω, C L = 10 pF; RSET = 140 Ω. All specifications TMIN to TMAX 3 unless otherwise noted.) 135 MHz 110 MHz 80 MHz 66 MHz Parameter Version Version Version Version Units Conditions/Comments fmax 135 110 80 66 MHz Clock Rate t1 10 10 10 10 ns min RS0–RS2 Setup Time t2 10 10 10 10 ns min RS0–RS2 Hold Time t3 4 3 3 3 3 ns min RD Asserted to Data Bus Driven t4 4 40 40 40 40 ns max RD Asserted to Data Valid t5 5 20 20 20 20 ns max RD Negated to Data Bus 3-Stated t6 5 5 5 5 5 ns min Read Data Hold Time t7 10 10 10 10 ns min Write Data Setup Time t8 10 10 10 10 ns min Write Data Hold Time t9 100 100 100 100 ns max CR0–CR3 Delay Time t10 50 50 50 50 ns min RD , WR Pulse Width Low t11 40 40 40 40 ns min RD , WR Pulse Width High t12 2 3 3 3 ns min Pixel & Control Setup Time t13 2 3 3 3 ns min Pixel & Control Hold Time t14 7.4 9.1 12.5 15.15 ns min Clock Cycle Time t15 3 3.5 4 5 ns min Clock Pulse Width High Time t16 2 3 4 5 ns min Clock Pulse Width Low Time t17 30 30 30 30 ns max Analog Output Delay t18 3 3 3 3 ns typ Analog Output Rise/Fall Time t19 6 13 13 13 13 ns max Analog Output Settling Time tSK 2 2 2 2 ns max Analog Output Skew tPD 4 × t 14 4 × t 14 4 × t 14 4 × t 14 ns Pipeline Delay NOTES 1TTL input values are 0 to 3 volts, with input rise/fall times ≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs. Analog output load ≤ 10 pF, D0-D7 output load ≤ 50 pF. See timing notes in Figure 2. 2V AA = 5 V ± 5%. 3Temperature range (T MIN to TMAX); 0°C to +70°C; TJ (Silicon Junction Temperature) ≤ 100°C . 4t 3 and t4 are measured with the load circuit of Figure 3 and defined as the time required for an output to cross 0.4 V or 2.4 V. 5t 5 and t6 are derived from the measured time taken by the data outputs to change by 0.5 V when loaded with the circuit of Figure 3. The measured number is then extrapolated back to remove the effects of charging the 50 pF capacitor. This means that the times, t 5 and t6, quoted in the timing characteristics are the true values for the device and, as such, are independent of external bus loading capacitances. 6Settling time does not include clock and data feedthrough. Specifications subject to change without notice. RS0, RS1, RS2 D0–D7 (READ) D0–D7 (WRITE) RD, WR DATA OUT (RD = 0) DATA IN (WR = 0) VALID CR0–CR3 t 4 t 3 t 1 t 2 t 10 t 5 t 11 t 6 t 8 t 7 t 9 Figure 1. MPU Read/Write Timing DATA IOR, IOG, IOB NOTES 1. OUTPUT DELAY MEASURED FROM THE 50% POINT OF THE RISING EDGE OF CLOCK TO THE 50% POINT OF FULL-SCALE TRANSITION. 2. SETTLING TIME MEASURED FROM THE 50% POINT OF FULL-SCALE TRANSITION TO THE OUTPUT REMAINING WITHIN ±1 LSB. 3. OUTPUT RISE/FALL TIME MEASURED BETWEEN THE 10% AND 90% POINTS OF FULL-SCALE TRANSITION. CLOCK R0-R7, G0–G7, B0–B7, OL0-OL3, S0–S1, SYNC, BLANK t 14 t 16 t 15 t 12 t 19 t 18 t 13 t 17 Figure 2. Video Input/Output Timing 3.2mA +2.1V TO OUTPUT PIN 50pF 400 µA Figure 3. Load Circuit for Bus Access and Relinquish Time |
Número de pieza similar - ADV473KP110 |
|
Descripción similar - ADV473KP110 |