Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9Y4R8-60E Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BUK9Y4R8-60E
Descripción Electrónicos  N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y4R8-60E Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9Y4R8-60E Datasheet HTML 1Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 2Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 3Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 4Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 5Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 6Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 7Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 8Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BUK9Y4R8-60E
N-channel 60 V, 4.8 mΩ logic level MOSFET in LFPAK56
BUK9Y4R8-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
mounting base; connected to
drain
mb
1 2 3 4
LFPAK; Power-
SO8 (SOT669)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK9Y4R8-60E
LFPAK;
Power-SO8
plastic single-ended surface-mounted package; 4 leads
SOT669
7. Marking
Table 4.
Marking codes
Type number
Marking code
BUK9Y4R8-60E
94E860
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
60
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
60
V
Tj ≤ 175 °C; DC
-10
10
V
VGS
gate-source voltage
Tj ≤ 175 °C; Pulsed
[1][2]
-15
15
V
Tmb = 25 °C; VGS = 5 V; Fig. 1
[3]
-
100
A
ID
drain current
Tmb = 100 °C; VGS = 5 V; Fig. 1
[3]
-
100
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
593
A
Ptot
total power dissipation
Tmb = 25 °C; Fig. 2
-
238
W


Número de pieza similar - BUK9Y4R8-60E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9Y4R8-60E NEXPERIA-BUK9Y4R8-60E Datasheet
733Kb / 13P
   N-channel 60 V, 4.8 mΩ logic level MOSFET in LFPAK56
7 January 2016
logo
NXP Semiconductors
BUK9Y4R8-60E PHILIPS-BUK9Y4R8-60E_15 Datasheet
306Kb / 13P
   N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results

Descripción similar - BUK9Y4R8-60E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y4R8-60E PHILIPS-BUK9Y4R8-60E_15 Datasheet
306Kb / 13P
   N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK7Y4R8-60E NXP-BUK7Y4R8-60E Datasheet
296Kb / 13P
   N-channel 60 V, 4.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y4R8-60E NEXPERIA-BUK9Y4R8-60E Datasheet
733Kb / 13P
   N-channel 60 V, 4.8 mΩ logic level MOSFET in LFPAK56
7 January 2016
logo
NXP Semiconductors
BUK9Y6R0-60E PHILIPS-BUK9Y6R0-60E_15 Datasheet
307Kb / 13P
   N-channel 60 V, 6.0 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y25-60E PHILIPS-BUK9Y25-60E_15 Datasheet
317Kb / 13P
   N-channel 60 V, 25 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y8R7-60E NXP-BUK9Y8R7-60E Datasheet
352Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y59-60E NXP-BUK9Y59-60E Datasheet
322Kb / 13P
   N-channel 60 V, 59 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y6R0-60E NXP-BUK9Y6R0-60E Datasheet
299Kb / 13P
   N-channel 60 V, 6.0 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN4R1-60YL NEXPERIA-PSMN4R1-60YL Datasheet
732Kb / 12P
   N-channel 60 V, 4.1 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y8R7-60E PHILIPS-BUK9Y8R7-60E_15 Datasheet
353Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com