Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9Y14-80E Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK9Y14-80E
Descripción Electrónicos  N-channel 80 V,15 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y14-80E Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9Y14-80E Datasheet HTML 1Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 2Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 3Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 4Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 5Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 6Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 7Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 8Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
BUK9Y14-80E
N-channel 80 V,15 mΩ logic level MOSFET in LFPAK56
BUK9Y14-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
3 / 13
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Source-drain diode
IS
source current
Tmb = 25 °C
-
62
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
250
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
ID = 62 A; Vsup ≤ 80 V; RGS = 50 Ω;
VGS = 5 V; Tj(init) = 25 °C; unclamped;
Fig. 3
[3][4]
-
79.6
mJ
[1] Accumulated pulse duration up to 50 hours delivers zero defect ppm
[2] Significantly longer life times are achieved by lowering Tj and or VGS
[3] Single-pulse avalanche rating limited by maximum junction temperature of 175 °C.
[4] Refer to application note AN10273 for further information.
003aai790
0
30
60
90
120
150
180
0
15
30
45
60
75
Tj (°C)
ID
ID
(A)
(A)
Fig. 1. Continuous drain current as a function of
mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of mounting base temperature


Número de pieza similar - BUK9Y14-80E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9Y14-80E NEXPERIA-BUK9Y14-80E Datasheet
763Kb / 13P
   N-channel 80 V,15 mΩ logic level MOSFET in LFPAK56
11 November 2014
More results

Descripción similar - BUK9Y14-80E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9Y107-80E PHILIPS-BUK9Y107-80E_15 Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y8R5-80E NXP-BUK9Y8R5-80E Datasheet
319Kb / 13P
   N-channel 80 V, 8.5 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y11-80E NXP-BUK9Y11-80E Datasheet
322Kb / 13P
   N-channel 80 V, 11 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y41-80E NXP-BUK9Y41-80E Datasheet
355Kb / 13P
   N-channel 80 V, 45 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN014-80YL NEXPERIA-PSMN014-80YL Datasheet
764Kb / 13P
   N-channel 80 V, 14 m廓 logic level MOSFET in LFPAK56
PSMN8R0-80YL NEXPERIA-PSMN8R0-80YL Datasheet
738Kb / 12P
   N-channel 80 V, 8 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y25-80E PHILIPS-BUK9Y25-80E_15 Datasheet
357Kb / 13P
   N-channel 80 V, 27 m廓 logic level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
PSMN025-80YL NEXPERIA-PSMN025-80YL Datasheet
768Kb / 13P
   N-channel 80 V, 25 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y107-80E NXP-BUK9Y107-80E Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y11-80E PHILIPS-BUK9Y11-80E_15 Datasheet
323Kb / 13P
   N-channel 80 V, 11 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com