Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL05JH Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADXL05JH
Descripción Electrónicos  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL05JH Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL05JH Datasheet HTML 3Page - Analog Devices ADXL05JH Datasheet HTML 4Page - Analog Devices ADXL05JH Datasheet HTML 5Page - Analog Devices ADXL05JH Datasheet HTML 6Page - Analog Devices ADXL05JH Datasheet HTML 7Page - Analog Devices ADXL05JH Datasheet HTML 8Page - Analog Devices ADXL05JH Datasheet HTML 9Page - Analog Devices ADXL05JH Datasheet HTML 10Page - Analog Devices ADXL05JH Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADXL05
–7–
REV. B
g LEVEL APPLIED
0
–0.2
0.2
–0.1
0.1
05
12
3
4
Figure 7. % Nonlinearity vs. g Level Applied
TEMPERATURE –
°C
40
30
–20
–50
150
0
50
100
20
10
0
–10
Figure 8. % Change in Noise from +25
°C vs. Temperature
DEMODULATOR CAPACITANCE – µF
10k
1k
10
0.01
1
0.1
100
Figure 9. –3 dB Bandwidth vs. Demodulator
Capacitance
FREQUENCY – Hz
9
6
–21
1
10k
10
100
1k
3
0
–3
–6
–9
–12
–15
–18
Figure 4. Normalized Sensitivity vs. Frequency
TEMPERATURE –
°C
2
1
–4
–50
150
0
50
100
0
–1
–2
–3
Figure 5. –3 dB Bandwidth vs. Temperature
SUPPLY VOLTAGE – Volts
0.30
–0.50
0.20
–0.10
–0.20
–0.30
–0.40
0.10
0.00
4.0
7.5
4.5
5.0
5.5
6.0
6.5
7.0
Figure 6. Sensitivity Change at VPR vs. Supply Voltage
Typical Characteristics (@ +25 C, C1 = C2 = 0.022 F, V
S = +5 V unless otherwise noted)


Número de pieza similar - ADXL05JH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Descripción similar - ADXL05JH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com