Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL105 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADXL105
Descripción Electrónicos  High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL105 Datasheet(HTML) 2 Page - Analog Devices

  ADXL105 Datasheet HTML 1Page - Analog Devices ADXL105 Datasheet HTML 2Page - Analog Devices ADXL105 Datasheet HTML 3Page - Analog Devices ADXL105 Datasheet HTML 4Page - Analog Devices ADXL105 Datasheet HTML 5Page - Analog Devices ADXL105 Datasheet HTML 6Page - Analog Devices ADXL105 Datasheet HTML 7Page - Analog Devices ADXL105 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
ADXL105–SPECIFICATIONS
ADXL105J/A
Parameter
Conditions
Min
Typ
Max
Units
SENSOR INPUT
Measurement Range1
±5
±7
g
Nonlinearity
Best Fit Straight Line
0.2
% of FS
Alignment Error2
±1
Degrees
Cross Axis Sensitivity3
Z Axis, @ +25
°C
±1
±5%
SENSITIVITY
4 (Ratiometric)
At AOUT
Initial
225
250
275
mV/g
VS = 2.7 V
80
105
120
mV/g
vs. Temperature
5, 6
±0.5
%
ZERO g BIAS LEVEL5 (Ratiometric)
At AOUT
Zero g Offset Error
From +2.5 V Nominal
–625
+625
mV
vs. Supply
–20
+20
mV/VDD/V
vs. Temperature5, 7
50
mV
NOISE PERFORMANCE
Voltage Density7
@ +25
°C
225
325
µg/√Hz
Noise in 100 Hz Bandwidth
2.25
mg rms
FREQUENCY RESPONSE
3 dB Bandwidth
10
12
kHz
Sensor Resonant Frequency
13
18
kHz
TEMP SENSOR4 (Ratiometric)
Output Error at +25
°C
From +2.5 V Nominal
–100
+100
mV
Nominal Scale Factor
8
mV/
°C
Output Impedance
10
k
VMID
4 (Ratiometric)
Output Error
From +2.5 V Nominal
–15
+15
mV
Output Impedance
10
k
SELF-TEST (Proportional to VDD)
Voltage Delta at AOUT
Self-Test “0” to “1”
100
500
mV
Input Impedance8
30
50
k
AOUT
Output Drive
I =
± 50 µA
0.50
VS – 0.5
V
Capacitive Load Drive
1000
pF
UNCOMMITTED AMPLIFIER
Initial Offset
–25
+25
mV
Initial Offset vs. Temperature
5
µV/°C
Common-Mode Range
1.0
4.0
V
Input Bias Current9
25
nA
Open Loop Gain
100
V/mV
Output Drive
I =
±100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage Range
2.70
5.25
V
Quiescent Supply Current
At 5.0 V
1.9
2.6
mA
At 2.7 V
1.3
2.0
mA
Turn-On Time
700
µs
TEMPERATURE RANGE
Operating Range J
0
+70
°C
Specified Performance A
–40
+85
°C
NOTES
1Guaranteed by tests of zero g bias, sensitivity and output swing.
2Alignment of the X axis is with respect to the long edge of the bottom half of the Cerpak package.
3Cross axis sensitivity is measured with an applied acceleration in the Z axis of the device.
4This parameter is ratiometric to the supply voltage V
DD. Specification is shown with a 5.0 V VDD. To calculate approximate values at another VDD, multiply the specification by
VDD/5 V.
5Specification refers to the maximum change in parameter from its initial value at +25
°C to its worst case value at T
MIN to TMAX.
6See Figure 3.
7See Figure 2.
8CMOS and TTL Compatible.
9UCA input bias current is tested at final test.
All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
Specifications subject to change without notice.
(TA = TMIN to TMAX, TA = +25 C for J Grade Only, VS = +5 V, @ Acceleration = 0 g,
unless otherwise noted)


Número de pieza similar - ADXL105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105EM-1 AD-ADXL105EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105EM-3 AD-ADXL105EM-3 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results

Descripción similar - ADXL105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
   Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com