Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS4245 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS4245
Descripción Electrónicos  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS4245 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS4245 Datasheet HTML 2Page - Texas Instruments ADS4245 Datasheet HTML 3Page - Texas Instruments ADS4245 Datasheet HTML 4Page - Texas Instruments ADS4245 Datasheet HTML 5Page - Texas Instruments ADS4245 Datasheet HTML 6Page - Texas Instruments ADS4245 Datasheet HTML 7Page - Texas Instruments ADS4245 Datasheet HTML 8Page - Texas Instruments ADS4245 Datasheet HTML 9Page - Texas Instruments ADS4245 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
ADS42B49
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: ADS42B49 (250 MSPS) (continued)
Typical values are at +25°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential
analog input, LVDS interface, and 0-dB gain, unless otherwise noted. Minimum and maximum values are across the full
temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
10-MHz full-scale signal on channel under observation;
Crosstalk
> 85
dB
170-MHz full-scale signal on other channel
Recovery to within 1%
Input overload recovery
1
Clock cycle
(of full-scale) for 6-dB overload with sine-wave input
AC power-supply rejection
PSRR
For 50-mVPP signal on AVDD supply
30
dB
ratio
ENOB
Effective number of bits
fIN = 170 MHz
11.4
LSBs
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, and –1-dBFS
differential analog input, unless otherwise noted. Minimum and maximum values are across the full temperature range: TMIN =
–40°C to TMAX = +85°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, and DRVDD = 1.8 V.
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG INPUTS
VID
Differential input voltage range
2
VPP
Differential input resistance (at 170 MHz)
1.2
k
Ω
Differential input capacitance (at 170 MHz)
2.2
pF
Analog input bandwidth
700
MHz
(with 50-
Ω source impedance, and 50-Ω termination)
VCM
Common-mode output voltage
1.9(1)
V
VCM output current capability
10
mA
DC ACCURACY
Offset error
–20
3
20
mV
EGREF
Gain error as a result of internal reference inaccuracy alone
–2
2
%FS
EGCHAN
Gain error of channel alone
–5
%FS
Temperature coefficient of EGCHAN
0.005
Δ%/°C
POWER SUPPLY
IAVDD
Analog supply current
186
225
mA
IAVDD_BUF
Analog buffer supply current
67
90
mA
LVDS interface, 350-mV swing with 100-
Ω external termination,
151
180
mA
fIN = 2.5 MHz
IDRVDD
Output buffer supply current
CMOS interface, 8-pF external load capacitance,
128
mA
fIN = 2.5 MHz
(2)
Analog power
353
mW
Analog buffer power
224
mW
Digital power, LVDS interface, 350-mV swing with 100-
Ω external termination, fIN = 2.5 MHz
272
mW
Digital power, CMOS interface, 8-pF external load capacitance,(2) fIN = 2.5 MHz
230
mW
Total power, LVDS interface, 350-mV swing with 100-
Ω external termination, fIN = 2.5 MHz
850
925
mW
Global power-down
20
mW
(1)
After the HIGH PERF MODE[10:0] bits are set.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42B49


Número de pieza similar - ADS4245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4245 TI1-ADS4245 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245 TI1-ADS4245 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4245 TI1-ADS4245 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4245 TI1-ADS4245 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
More results

Descripción similar - ADS4245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com