Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7495CB Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7495CB
Descripción Electrónicos  Evaluation Board for 1MSPS, 12-Bit ADC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7495CB Datasheet(HTML) 1 Page - Analog Devices

  AD7495CB Datasheet HTML 1Page - Analog Devices AD7495CB Datasheet HTML 2Page - Analog Devices AD7495CB Datasheet HTML 3Page - Analog Devices AD7495CB Datasheet HTML 4Page - Analog Devices AD7495CB Datasheet HTML 5Page - Analog Devices AD7495CB Datasheet HTML 6Page - Analog Devices AD7495CB Datasheet HTML 7Page - Analog Devices AD7495CB Datasheet HTML 8Page - Analog Devices AD7495CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV.
0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Evaluation Board for 1MSPS, 12-Bit ADC
EVAL-AD7475/AD7495CB
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Full-Featured Evaluation Board for the AD7475/95
EVALUATION-BOARD CONTROLLER Compatible
Stand Alone Capability
On-Board Analog Buffering and Reference
Various Linking Options
PC Software for Control and Data Analysis when used
with EVALUATION-BOARD CONTROLLER
Patchwork Area for User Expansion
INTRODUCTION
This Technical Note describes the evaluation board for
the AD7475/AD7495 which is a fast 12-bit high speed, low
power successive-approximation ADCs. The parts operate
from a sinlge 2.7 V to 5.25 V power supply and feature
throughput rates up to 1 MSPS. Full data on the
AD7475/AD7495 is available in the AD7475/AD7495
data sheet available from Analog Devices and should be
consulted in conjunction with this Technical Note when
using the Evaluation Board.
On-board components include an AD780 which is a pin
programmable +2.5V or +3V ultra high precision
bandgap reference and an AD711 op-amp used to buffer
the analog input. There are various link options which are
explained in detail on page 2.
Interfacing to this board is through
a 96-way connector.
This 96-way connector is compatible with the EVALUA-
TION-BOARD CONTROLLER which is also available
from Analog Devices. External sockets are provided for
the REFIN input and the VIN input.
OPERATING THE AD7475/AD7495 EVALUATION
BOARD
Power Supplies
When using this evaluation board with the EVALUA-
TION-BOARD CONTROLLER all supplies are pro-
vided from the EVALUATION-BOARD
CONTROLLER through the 96 way connector.
When using the board as a stand alone unit external sup-
plies must be provided. This evaluation board has six
power supply inputs: VDD, AGND, +12V, -12V, AGND, and
DGND. If the evaluation board is used in stand-alone mode
+5V must be connected to the VDD input to supply the
AD7475/AD7495 VDD pin and the AD780 voltage refer-
ence. +12V and -12V are used to supply the op-amps. The
VDRIVE pin can be driven by a voltage between +3V and
+5V allowing the evaluation board to be connected to
both +3V and +5V systems. The supplies are decoupled to
the relevant ground plane with 10µF tantalum and 0.1µF
multilayer ceramic capacitors at the point where they enter
the board.
The supply pins of all the op-amps and refer-
ence are also decoupled to AGND with 10µF tantalum and a
0.1µF ceramic capacitor. The AD7475/AD7495 AVDD
supply pin is decoupled to AGND with 10 µF tantalum and
0.1µF multilayer ceramic capacitors.
Extensive ground planes are used on this board to mini-
mize the effect of high frequency noise interference. There
are two ground planes, AGND and DGND. These are con-
nected at one location close to the AD7475/AD7495.
AD7475/A
D7495
EXTERNAL
REFERENCE
ANALOG
INPUT
CS
SDATA
SCLK
Vdd
Vdrive
Vdd
BIAS UP CIR-
CUIT


Número de pieza similar - AD7495CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7495 AD-AD7495 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495 AD-AD7495 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495 AD-AD7495 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7495AR AD-AD7495AR Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495AR AD-AD7495AR Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results

Descripción similar - AD7495CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
EVAL-AD7476 AD-EVAL-AD7476 Datasheet
508Kb / 12P
   Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Analog Devices
EVAL-AD7482CB AD-EVAL-AD7482CB Datasheet
928Kb / 20P
   Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
EVAL-AD7482CB AD-EVAL-AD7482CB_15 Datasheet
933Kb / 20P
   Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Analog Devices
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
652Kb / 14P
   Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV. A
AD7492 AD-AD7492 Datasheet
722Kb / 14P
   Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com