Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18534Q5A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD18534Q5A
Descripción Electrónicos  60-V N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD18534Q5A Datasheet(HTML) 1 Page - Texas Instruments

  CSD18534Q5A Datasheet HTML 1Page - Texas Instruments CSD18534Q5A Datasheet HTML 2Page - Texas Instruments CSD18534Q5A Datasheet HTML 3Page - Texas Instruments CSD18534Q5A Datasheet HTML 4Page - Texas Instruments CSD18534Q5A Datasheet HTML 5Page - Texas Instruments CSD18534Q5A Datasheet HTML 6Page - Texas Instruments CSD18534Q5A Datasheet HTML 7Page - Texas Instruments CSD18534Q5A Datasheet HTML 8Page - Texas Instruments CSD18534Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
0
4
8
12
16
20
24
28
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 14A
TC = 125ºC Id = 14A
G001
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
Qg - Gate Charge (nC)
ID = 14A
VDS = 30V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
CSD18534Q5A
www.ti.com
SLPS389A – OCTOBER 2012 – REVISED JANUARY 2013
60-V N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD18534Q5A
1
FEATURES
PRODUCT SUMMARY
2
Ultra Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain to Source Voltage
60
V
Avalanche Rated
Qg
Gate Charge Total (10V)
17
nC
Qgd
Gate Charge Gate to Drain
3.5
nC
Logic Level
VGS = 4.5V
9.9
m
Pb Free Terminal Plating
RDS(on)
Drain to Source On Resistance
VGS = 10V
7.8
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.9
V
Halogen Free
SON 5-mm × 6-mm Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
SON 5-mm × 6-mm
13-Inch
Tape and
CSD18534Q5A
2500
Plastic Package
Reel
Reel
DC-DC Conversion
Secondary Side Synchronous Rectifier
ABSOLUTE MAXIMUM RATINGS
Isolated Converter Primary Side Switch
TA = 25°C
VALUE
UNIT
Motor Control
VDS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
DESCRIPTION
Continuous Drain Current (Package limited),
50
TC = 25°C
The NexFET™ power MOSFET has been designed
ID
Continuous Drain Current (Silicon limited),
A
to minimize losses in power conversion applications.
69
TC = 25°C
Continuous Drain Current, TA = 25°C
(1)
13
Top View
IDM
Pulsed Drain Current, TA = 25°C
(2)
81
A
PD
Power Dissipation(1)
3.1
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
80
mJ
ID = 40A, L = 0.1mH, RG = 25Ω
(1) Typical RθJA = 40°C/W on a 1-inch
2, 2-oz. Cu pad on a 0.06-
inch thick FR4 PCB.
(2) Pulse duration
≤300μs, duty cycle ≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - CSD18534Q5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18534Q5A TI1-CSD18534Q5A Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI-CSD18534Q5A Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
CSD18534Q5AT TI1-CSD18534Q5AT Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD18534Q5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com