Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CSD43301Q5M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. CSD43301Q5M
Descripción  NexFET Smart Synchronous Rectifier
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

CSD43301Q5M Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CSD43301Q5M
www.ti.com
SLPS380A – DECEMBER 2012 – REVISED DECEMBER 2012
ELECTRICAL CHARACTERISTICS
TA = 25°C, VDD = 5V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Device On Resistance
ID = 50A, , TJ = 25°C
0.55
0.70
m
Ω
Ron
ID = 50A, TJ = 125°C
0.70
0.88
m
Ω
VDD
Standby Supply Current ( IDD)
SD = VDD = 5V
153
300
µA
SD = 0V,
Operating Supply Current (IDD)
29.5
mA
IN = 50% Duty Cycle, fSW = 300kHz
POWER-ON RESET AND UNDER VOLTAGE LOCKOUT
TA = 25°C
3.9
4.2
4.5
V
Power on Reset (VDD Rising)
TA = -40°C to 140°C
3.7
4.2
4.65
V
UVLO (VDD Falling)
3.45
3.9
4.35
V
Hysteresis
200
300
500
mV
IN
IN Logic Level High (VINH)
2.0
V
IN Logic Level Low (VINL)
0.8
V
IN Input Hysteresis
0.8
V
IN to DRAIN Propagation Delay (tPDLH)
32
ns
IN to DRAIN Propagation Delay (tPDHL)
VDD = 5V, SD = 0, ID = 25A (See Figure 4)
80
ns
Minimum Pulse Width Changes Output
36
48
ns
SD
SD Logic Level High Threshold (VIH )
2.0
V
SD Logic Level Low Threshold (VIL )
0.8
V
Hysteresis
0.8
V
SD to DRAIN Propagation Delay (tPDLH)
80
ns
VDD = 5V, IN = VDD, ID = 25A (See Figure 5)
SD to DRAIN Propagation Delay (tPDHL)
32
ns
Dynamic Characteristics
Output Capacitance (CO)
10
13
nF
VDRAIN = 6V
Output Charge (QO)
54
nC
Body Diode
Forward Voltage (VF)
ID = 40A
0.75
0.85
V
Reverse Recovery Charge (QRR)
161
nC
ID = 40A, VDRAIN = 6V, di/dt = 150A/µs
Reverse Recovery Time Delay (tRR)
72
ns
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn