Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM60CIM3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM60CIM3
Descripción Electrónicos  2.7V, SOT-23 or TO-92 Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM60CIM3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM60CIM3 Datasheet HTML 2Page - Texas Instruments LM60CIM3 Datasheet HTML 3Page - Texas Instruments LM60CIM3 Datasheet HTML 4Page - Texas Instruments LM60CIM3 Datasheet HTML 5Page - Texas Instruments LM60CIM3 Datasheet HTML 6Page - Texas Instruments LM60CIM3 Datasheet HTML 7Page - Texas Instruments LM60CIM3 Datasheet HTML 8Page - Texas Instruments LM60CIM3 Datasheet HTML 9Page - Texas Instruments LM60CIM3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SVA-1268114
LM60/LM60-Q1
SNIS119D – MAY 2004 – REVISED NOVEMBER 2012
www.ti.com
APPLICATION INFORMATION
NOTE: 1/2" Square Printed Circuit Board with 2 oz. Copper Foil or Similar.
Figure 13. Printed Circuit Board Used for Heat Sink to Generate All Curves
Mounting
The LM60/LM60-Q1 can be applied easily in the same way as other integrated-circuit temperature sensors. It
can be glued or cemented to a surface. The temperature that the LM60/LM60-Q1 is sensing will be within about
+0.1°C of the surface temperature that LM60/LM60-Q1's leads are attached to.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature of the LM60/LM60-
Q1 die would be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity the backside of the LM60/LM60-Q1 die is directly attached to the GND pin.
The lands and traces to the LM60/LM60-Q1 will, of course, be part of the printed circuit board, which is the object
whose temperature is being measured. These printed circuit board lands and traces will not cause the
LM60/LM60-Q1's temperature to deviate from the desired temperature.
Alternatively, the LM60/LM60-Q1 can be mounted inside a sealed-end metal tube, and can then be dipped into a
bath or screwed into a threaded hole in a tank. As with any IC, the LM60/LM60-Q1 and accompanying wiring and
circuits must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may
operate at cold temperatures where condensation can occur. Printed-circuit coatings and varnishes such as
Humiseal and epoxy paints or dips are often used to ensure that moisture cannot corrode the LM60/LM60-Q1 or
its connections.
The thermal resistance junction to ambient (
θJA ) is the parameter used to calculate the rise of a device junction
temperature due to the device power dissipation. For the LM60/LM60-Q1 the equation used to calculate the rise
in the die temperature is as follows:
TJ = TA + θJA [(+VS IQ) + (+VS − VO) IL]
where IQ is the quiescent current and IL is the load current on the output.
Table 1 summarizes the rise in die temperature of the LM60/LM60-Q1 without any loading, and the thermal
resistance for different conditions.
6
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM60/LM60-Q1


Número de pieza similar - LM60CIM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM60CIM3 NSC-LM60CIM3 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60CIM3 NSC-LM60CIM3 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60CIM3 TI1-LM60CIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM60CIM3/NOPB TI1-LM60CIM3/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM60CIM3X NSC-LM60CIM3X Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Descripción similar - LM60CIM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
   2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com