Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM60CIM3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM60CIM3
Descripción Electrónicos  2.7V, SOT-23 or TO-92 Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM60CIM3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM60CIM3 Datasheet HTML 7Page - Texas Instruments LM60CIM3 Datasheet HTML 8Page - Texas Instruments LM60CIM3 Datasheet HTML 9Page - Texas Instruments LM60CIM3 Datasheet HTML 10Page - Texas Instruments LM60CIM3 Datasheet HTML 11Page - Texas Instruments LM60CIM3 Datasheet HTML 12Page - Texas Instruments LM60CIM3 Datasheet HTML 13Page - Texas Instruments LM60CIM3 Datasheet HTML 14Page - Texas Instruments LM60CIM3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM60BIM3
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM60BIM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM60BIM3X
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM60BIM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM60CIM3
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM60CIM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM60CIM3X
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM60CIM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Jan-2013
Pack Materials-Page 1


Número de pieza similar - LM60CIM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM60CIM3 NSC-LM60CIM3 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60CIM3 NSC-LM60CIM3 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60CIM3 TI1-LM60CIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM60CIM3/NOPB TI1-LM60CIM3/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM60CIM3X NSC-LM60CIM3X Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Descripción similar - LM60CIM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
   2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com