Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM60BIZ Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM60BIZ
Descripción Electrónicos  2.7V, SOT-23 or TO-92 Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM60BIZ Datasheet(HTML) 2 Page - Texas Instruments

  LM60BIZ Datasheet HTML 1Page - Texas Instruments LM60BIZ Datasheet HTML 2Page - Texas Instruments LM60BIZ Datasheet HTML 3Page - Texas Instruments LM60BIZ Datasheet HTML 4Page - Texas Instruments LM60BIZ Datasheet HTML 5Page - Texas Instruments LM60BIZ Datasheet HTML 6Page - Texas Instruments LM60BIZ Datasheet HTML 7Page - Texas Instruments LM60BIZ Datasheet HTML 8Page - Texas Instruments LM60BIZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM60/LM60-Q1
SNIS119D – MAY 2004 – REVISED NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
ACCURACY OVER SPECIFIED
SPECIFIED
ORDER NUMBER
DEVICE TOP MARK
TEMPERATURE RANGE
TEMPERATURE RANGE
LM60BIM3
T6B
±3
–25°C
≤ TA ≤ +125°C
LM60BIM3X
T6B
LM60CIM3
T6C
±4
–40°C
≤ TA ≤ +125°C
LM60CIM3X
T6C
LM60QIM3
L60Q
±4
–40°C
≤ TA ≤ +125°C
LM60QIM3X
L60Q
LM60BIZ
LM60BIZ
±3
–25°C
≤ TA ≤ +125°C
LM60CIZ
LM60CIZ
±4
–40°C
≤ TA ≤ +125°C
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage
+12 to
−0.2
V
Output voltage
(+VS + 0.6) to −0.6
V
Output current
10
mA
Input Current at any pin (2)
5
mA
Human Body Model
2500
V
ESD Susceptibility(3)
SOT-23
250
V
Machine Model
TO-92
200
V
Storage temperature
−65 to +150
°C
Maximum junction temperature (TJMAX)
125
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For specified specifications and test conditions, see the
Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > +VS), the current at that pin should be limited to 5 mA.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
RECOMMENDED OPERATING CONDITIONS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TMIN ≤ TA ≤ TMAX
Specified Temperature Range:
LM60B
–25
≤ TA ≤ +125
°C
LM60C/LM60-Q1
–40
≤ TA ≤ +125
°C
Supply Voltage Range (+VS)
2.7
10
V
Thermal Resistance,
θJA
(2)
SOT-23
450
°C/W
TO-92
180
°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For specified specifications and test conditions, see the
Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
2
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM60/LM60-Q1


Número de pieza similar - LM60BIZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM60BIZ NSC-LM60BIZ Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIZ NSC-LM60BIZ Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60BIZ/LFT3 TI1-LM60BIZ/LFT3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIZ/NOPB TI1-LM60BIZ/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Descripción similar - LM60BIZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
   2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com