Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM74611 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SM74611
Descripción Electrónicos  Smart Bypass Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SM74611 Datasheet(HTML) 2 Page - Texas Instruments

  SM74611 Datasheet HTML 1Page - Texas Instruments SM74611 Datasheet HTML 2Page - Texas Instruments SM74611 Datasheet HTML 3Page - Texas Instruments SM74611 Datasheet HTML 4Page - Texas Instruments SM74611 Datasheet HTML 5Page - Texas Instruments SM74611 Datasheet HTML 6Page - Texas Instruments SM74611 Datasheet HTML 7Page - Texas Instruments SM74611 Datasheet HTML 8Page - Texas Instruments SM74611 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DAP
SM74611
SNVS903 – DECEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
CONNECTION DIAGRAM
Figure 1. D2PAK
PIN DESCRIPTIONS
Pin
DESCRIPTION
NO.
NAME
1,3(1)
ANODE
Connect both of these pins to the negative side of the PV cells
2,DAP(2)
CATHODE
Pin 2 and the DAP are shorted internally. Connect the DAP to the positive side of the PV cells
(1)
Pin 1 and Pin 3 should be connected together for proper operation
(2)
Package drawing at the end of datasheet is shown without Pin 2 being trimmed
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
DC Reverse Voltage
30V
Forward Current
15A
Ambient Storage Temperature
-65°C to 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the Electrical Characteristics tables.
RECOMMENDED OPERATING CONDITIONS
(1)
DC Reverse Voltage
28V
Junction Temperature Range (TJ)
-40°C to 125°C
Forward Current
0-15A
(1)
System must be thermally managed so as not to exceed maximum junction temperature
2
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: SM74611


Número de pieza similar - SM74611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Polyfet RF Devices
SM746 POLYFET-SM746 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Texas Instruments
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
Polyfet RF Devices
SM746 POLYFET-SM746_14 Datasheet
42Kb / 2P
   RF POWER VDMOS TRANSISTOR
More results

Descripción similar - SM74611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
DF80R12W2H3F_B11 INFINEON-DF80R12W2H3F_B11 Datasheet
658Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
Monolithic Power System...
EV4690GSD-00A MPS-EV4690GSD-00A Datasheet
132Kb / 4P
   Smart Bypass For LED Open Protection
MP4690 MPS-MP4690 Datasheet
269Kb / 11P
   Smart Bypass For LED Open Protection
logo
Zibo Seno Electronic En...
GF3045 ZSELEC-GF3045 Datasheet
634Kb / 4P
   30.0A SALAR BYPASS DIODE
GF5045 ZSELEC-GF5045 Datasheet
629Kb / 4P
   50.0A SALAR BYPASS DIODE
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
88Kb / 8P
   200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Rev 0, 6/99
logo
Surge Components
MSB12A45S2 SURGE-MSB12A45S2 Datasheet
287Kb / 2P
   Bypass Diode Module for Solarcell
logo
Sensitron
SEN-4717 SENSITRON-SEN-4717 Datasheet
62Kb / 3P
   SCHOTTKY BATTERY DISCHARGE BYPASS DIODE
logo
GOOD-ARK Electronics
MSB12A45S3L GOOD-ARK-MSB12A45S3L Datasheet
84Kb / 2P
   Bypass Diode Module for Solarcell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com