Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5402 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5402
Descripción Electrónicos  3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5402 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5402 Datasheet HTML 6Page - Texas Instruments TPS5402 Datasheet HTML 7Page - Texas Instruments TPS5402 Datasheet HTML 8Page - Texas Instruments TPS5402 Datasheet HTML 9Page - Texas Instruments TPS5402 Datasheet HTML 10Page - Texas Instruments TPS5402 Datasheet HTML 11Page - Texas Instruments TPS5402 Datasheet HTML 12Page - Texas Instruments TPS5402 Datasheet HTML 13Page - Texas Instruments TPS5402 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TPS5402
SLVSBK4 – SEPTEMBER 2012
www.ti.com
The TPS5402 provides robust protection during short circuits. There is potential for overcurrent runaway in the
output inductor during a short circuit at the output. The TPS5402 solves this issue by increasing the off time
during short circuit conditions by lowering the switching frequency. The switching frequency is divided by 8, 4, 2,
and 1 as the voltage ramps from 0 V to 0.8 V on the VSENSE pin. The relationship between the switching
frequency and the VSENSE pin voltage is shown in Table 1.
Table 1. Switching Frequency Conditions
SWITCHING FREQUENCY
VSENSE PIN VOLTAGE
fSW
VSENSE ≥ 0.6 V
fSW/2
0.6 V > VSENSE ≥ 0.4 V
fSW/4
0.4 V > VSENSE ≥ 0.2 V
fSW/8
0.2 V > VSENSE
Spread Spectrum
In order to reduce EMI, TPS5402 introduces frequency spread spectrum. The jittering span is ±6% of the
switching frequency with 1/512 swing frequency.
Overvoltage Transient Protection
The TPS5402 incorporates an overvoltage transient protection (OVTP) circuit to minimize output voltage
overshoot when recovering from output fault conditions or strong unload transients. The OVTP circuit includes an
overvoltage comparator to compare the VSENSE pin voltage and internal thresholds. When the VSENSE pin
voltage goes above 109% × Vref, the high-side MOSFET will be forced off. When the VSENSE pin voltage falls
below 107% × Vref, the high-side MOSFET will be enabled again.
Inductor Selection
The higher operating frequency allows the use of smaller inductor and capacitor values. A higher frequency
generally results in lower efficiency because of switching loss and MOSFET gate charge losses. In addition to
this basic trade-off, the effect of the inductor value on ripple current and low current operation must also be
considered. The ripple current depends on the inductor value. The inductor ripple current (iL) decreases with
higher inductance or higher frequency and increases with higher input voltage (VIN). Accepting larger values of iL
allows the use of low inductances, but results in higher output voltage ripple and greater core losses.
To calculate the value of the output inductor, use Equation 3. LIR is a coefficient that represents inductor peak-
to-peak ripple to DC load current. It is recommended to set LIR to 0.1 ~ 0.3 for most applications.
Actual core loss of the inductor is independent of core size for a fixed inductor value, but it is very dependent on
the inductance value selected. As inductance increases, core losses go down. Unfortunately, increased
inductance requires more turns of wire and therefore copper losses will increase. Ferrite designs have very low
core loss and are preferred for high switching frequencies, so design goals can concentrate on copper loss and
preventing saturation. Ferrite core material saturates hard, which means that inductance collapses abruptly when
the peak design current is exceeded. It results in an abrupt increase in inductor ripple current and consequent
output voltage ripple. Do not allow the core to saturate. It is important that the RMS current and saturation
current ratings are not exceeding the inductor specification. The RMS and peak inductor current can be
calculated from Equation 5 and Equation 6.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS5402


Número de pieza similar - TPS5402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54020 TI1-TPS54020 Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWR TI1-TPS54020RUWR Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWR TI-TPS54020RUWR Datasheet
2Mb / 43P
[Old version datasheet]   Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
TPS54020RUWT TI1-TPS54020RUWT Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWT TI-TPS54020RUWT Datasheet
2Mb / 43P
[Old version datasheet]   Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
More results

Descripción similar - TPS5402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI1-TPS5405 Datasheet
719Kb / 18P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS54334 TI-TPS54334_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS54334 4.2-V to 28-V Input Voltage, 3-A Output Current Synchronous SWIFT??Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com