Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS27082L Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS27082L
Descripción Electrónicos  1.2V - 8V, 3A PFET Load Switch with Adjustable Slew Rate, Fast Transient Isolation and Hysteretic Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS27082L Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS27082L Datasheet HTML 3Page - Texas Instruments TPS27082L Datasheet HTML 4Page - Texas Instruments TPS27082L Datasheet HTML 5Page - Texas Instruments TPS27082L Datasheet HTML 6Page - Texas Instruments TPS27082L Datasheet HTML 7Page - Texas Instruments TPS27082L Datasheet HTML 8Page - Texas Instruments TPS27082L Datasheet HTML 9Page - Texas Instruments TPS27082L Datasheet HTML 10Page - Texas Instruments TPS27082L Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TPS27082L
www.ti.com
SLVSBR5 – DECEMBER 2012
Improving Package Thermal Performance
The package
θJA value under standard conditions on a High-K board is available in the Dissipation Rating Table.
θJA value depends upon the PC board layout. An external heat sink and/or a cooling mechanism like a cold air
fan can help reduce
θJA and thus improving device thermal capability. Refer to TI’s design support web page at
www.ti.com/thermal for a general guidance on improving device thermal performance.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS27082L


Número de pieza similar - TPS27082L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS27081A TI1-TPS27081A Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
TPS27081ADDCR TI1-TPS27081ADDCR Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
   Extremely Low RDS (on) P-Channel Load Switch MOSFET
logo
Texas Instruments
TPS27081ADRVR TI1-TPS27081ADRVR Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
More results

Descripción similar - TPS27082L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS27081A TI1-TPS27081A Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
logo
Fairchild Semiconductor
FPF2411 FAIRCHILD-FPF2411 Datasheet
1Mb / 13P
   Switch with Slew Rate Control and RCB
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
logo
Toshiba Semiconductor
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
   2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com