Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54239DDAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54239DDAR
Descripción Electrónicos  4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54239DDAR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54239DDAR Datasheet HTML 1Page - Texas Instruments TPS54239DDAR Datasheet HTML 2Page - Texas Instruments TPS54239DDAR Datasheet HTML 3Page - Texas Instruments TPS54239DDAR Datasheet HTML 4Page - Texas Instruments TPS54239DDAR Datasheet HTML 5Page - Texas Instruments TPS54239DDAR Datasheet HTML 6Page - Texas Instruments TPS54239DDAR Datasheet HTML 7Page - Texas Instruments TPS54239DDAR Datasheet HTML 8Page - Texas Instruments TPS54239DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SS
EN
VREG5
VFB
1
2
3
4
VBST
VIN
SW
GND
8
7
6
5
VOUT
PwPd
TPS54239DDA
9
VOUT
VIN
EN
Vout (50 mV/div)
Iout (1 A/div)
100 us/div
TPS54239
www.ti.com
SLVSBT0 – JANUARY 2013
4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT™ Converter
Check for Samples: TPS54239
1
FEATURES
DESCRIPTION
The TPS54239 is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter. The TPS54239
Response
enables system designers to complete the suite of
Low Output Ripple and Allows Ceramic Output
various end-equipment power bus regulators with a
Capacitor
cost effective, low component count, low standby
current solution. The main control loop for the
Wide VIN Input Voltage Range: 4.5 V to 23 V
TPS54239 uses the D-CAP2™ mode control that
Output Voltage Range: 0.76 V to 7.0 V
provides a fast transient response with no external
Highly Efficient Integrated FETs Optimized
compensation components. The TPS54239 also has
for Lower Duty Cycle Applications
a proprietary circuit that enables the device to adopt
– 140 m
Ω (High Side) and 70 mΩ (Low Side)
to both low equivalent series resistance (ESR) output
capacitors, such as POSCAP or SP-CAP, and ultra-
High Efficiency, less than 10
μA at shutdown
low ESR ceramic capacitors. The device operates
High Initial Bandgap Reference Accuracy
from 4.5-V to 23-V VIN input. The output voltage can
Adjustable Soft Start
be programmed between 0.76 V and 7 V. The device
also features an adjustable soft start time. The
Pre-Biased Soft Start
TPS54239 is available in the 8-pin DDA package,
600-kHz Switching Frequency (fSW)
and designed to operate from –40°C to 85°C.
Cycle By Cycle Over Current Limit
APPLICATIONS
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54239DDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239EDDA TI-TPS54239EDDA Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239EDDAR TI-TPS54239EDDAR Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54239 TI-TPS54239_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter
More results

Descripción similar - TPS54239DDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54239 TI-TPS54239_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54228 TI1-TPS54228 Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54227 TI1-TPS54227 Datasheet
329Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com