Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92640PWPR Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS92640PWPR
Descripción Electrónicos  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS92640PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS92640PWPR Datasheet HTML 1Page - Texas Instruments TPS92640PWPR Datasheet HTML 2Page - Texas Instruments TPS92640PWPR Datasheet HTML 3Page - Texas Instruments TPS92640PWPR Datasheet HTML 4Page - Texas Instruments TPS92640PWPR Datasheet HTML 5Page - Texas Instruments TPS92640PWPR Datasheet HTML 6Page - Texas Instruments TPS92640PWPR Datasheet HTML 7Page - Texas Instruments TPS92640PWPR Datasheet HTML 8Page - Texas Instruments TPS92640PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPS92640
TPS92641
www.ti.com
SNVS902 – NOVEMBER 2012
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the National Semiconductor Sales/Office/Distributors for
availability and specifications.
VALUE
UNITS
–0.3 to 90
V
VIN, UDIM, SW
–1 (Continuous)
mA
BOOT
–0.3 to 98.5
V
–0.3 to 90
V
–2.5 for 100
V/ns
HG
98.5 for 100
v/ns
–1 to +1 (Continuous)
mA
–0.3 to +VCC (Continuous)
V
–2.5 for 100
V/ns
LG, SDRV, CS
VCC + 2.5 for 100
V/ms
–1 to +1 (Continuous)
mA
VCC
–0.3 to 15
V
–0.3 to 6
V
VREF, RON, COMP, VOUT, IADJ, SDIM
–200 to +200 (Continuous)
µA
–0.3 to +0.3 (Continuous)
V
GND
–2.5 to +2.5 for 100
V/ns
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature
Internally Limited
Storage Temperature Range
–65 to +150
°C
Maximum Lead Temperature (Soldering and Reflow) (2)
260
°C
ESD Rating
Human Body Model, applicable std. JESD22-A114-C
2
kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified and do not imply guaranteed performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics table. All voltages are with respect to the potential at the GND pin, unless
otherwise specified.
(2)
Refer to TI’s packaging website for more detailed information and mounting techniques.
RECOMMENDED OPERATING CONDITIONS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input Voltage Range
7
85
V
TJ
Junction Temperature Range
–40
125
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified and do not imply guaranteed performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics table. All voltages are with respect to the potential at the GND pin, unless
otherwise specified.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS92640 TPS92641


Número de pieza similar - TPS92640PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92640PWPR TI1-TPS92640PWPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPR TI1-TPS92640PWPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPR/NOPB TI1-TPS92640PWPR/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Descripción similar - TPS92640PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92640 TI1-TPS92640_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_15 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com