Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0443023 Datasheet(PDF) 4 Page - PHOENIX CONTACT

No. de pieza 0443023
Descripción Electrónicos  Ground modular terminal block, Connection method: Screw connection, Cross section
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0443023 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0443023 Datasheet HTML 1Page - PHOENIX CONTACT 0443023 Datasheet HTML 2Page - PHOENIX CONTACT 0443023 Datasheet HTML 3Page - PHOENIX CONTACT 0443023 Datasheet HTML 4Page - PHOENIX CONTACT 0443023 Datasheet HTML 5Page - PHOENIX CONTACT 0443023 Datasheet HTML 6Page - PHOENIX CONTACT 0443023 Datasheet HTML 7Page - PHOENIX CONTACT 0443023 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/0443023
14.05.2012   Page 4 / 8
Ground modular terminal block - USLKG16 N - 0443023
Approvals
cUL Recognized 
 
 
mm²/AWG/kcmil
22-4
GOST 
LR 
BV 
DNV 
RS 
ABS 
 
 
mm²/AWG/kcmil
22-4
PRS 
KR 
NK 
GL 
GOST 
cULus Recognized 
Accessories
Accessories
Assembly
DIN rail - NS 35/ 7,5 UNPERF 2000MM - 0801681
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m
 
 


Número de pieza similar - 0443023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
044302.5DR LITTELFUSE-044302.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
More results

Descripción similar - 0443023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441041 PHOENIX-0441041 Datasheet
84Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441119 PHOENIX-0441119 Datasheet
91Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444048 PHOENIX-0444048 Datasheet
68Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0446017 PHOENIX-0446017 Datasheet
60Kb / 4P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441012 PHOENIX-0441012 Datasheet
83Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com