Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0449014 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 0449014
Descripción Electrónicos  Ground modular terminal block, Connection method: Screw connection, Load current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0449014 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0449014 Datasheet HTML 1Page - PHOENIX CONTACT 0449014 Datasheet HTML 2Page - PHOENIX CONTACT 0449014 Datasheet HTML 3Page - PHOENIX CONTACT 0449014 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/0449014
14.05.2012   Page 1 / 4
Ground modular terminal block - USLKG35-1 - 0449014
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Ground modular terminal block, Connection method: Screw connection, Load current : 150 A, Cross
section: 0.75 mm² - 50 mm², AWG 18 - 2, Width: 15.2 mm, Color: green-yellow
Product description
Ground modular terminal block, Connection method: Screw connection, Load current : 150 A, Cross section: 0.75 mm² - 50 mm²,
AWG 18 - 2, Width: 15.2 mm, Color: green-yellow
   
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 219 (CL-2005)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
84.67 GRM
Country of origin
GERMANY
Technical data
General
Note
Use an NS 35/15-2.3 copper DIN rail for connection cross sections
>= 35 mm²/2 AWG. When aligning with a feed-through terminal
block of the same shape, a cover must be used for insulation
voltages > 690 V.
Number of levels
1
Number of connections
2
Color
green-yellow
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
15.2 mm
Length
50 mm
Height NS 35/7.5
62 mm


Número de pieza similar - 0449014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
044901.5MR LITTELFUSE-044901.5MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2 > Slo-Blo > 449 Series
More results

Descripción similar - 0449014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441119 PHOENIX-0441119 Datasheet
91Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0443023 PHOENIX-0443023 Datasheet
90Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444048 PHOENIX-0444048 Datasheet
68Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0446017 PHOENIX-0446017 Datasheet
60Kb / 4P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441041 PHOENIX-0441041 Datasheet
84Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com