Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS1505CMV-35 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

No. de pieza AMS1505CMV-35
Descripción Electrónicos  5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1505CMV-35 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS1505CMV-35 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1505CMV-35 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1505CMV-35 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1505CMV-35 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1505CMV-35 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1505CMV-35 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1505CMV-35 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1505CMV-35 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1505V
APPLICATION HINTS
Protection Diodes
Unlike older regulators, the AMS1505V family does not need any
protection diodes between the adjustment pin and the output and
from the output to the input to prevent die over-stress. Internal
resistors are limiting the internal current paths on the AMS1505V
adjustment pin, therefore even with bypass capacitors on the
adjust pin no protection diode is needed to ensure device safety
under short-circuit conditions. The Adjust pin can be driven on a
transient basis
±7V with respect to the output without any device
degradation.
Diodes between the Output pin and VPOWER pin are not usually
needed. Microsecond surge currents of 50A to 100A can be
handled by the internal diode between the Output pin and VPOWER
pin of the device. In normal operations it is difficult to get those
values of surge currents even with the use of large output
capacitances. If high value output capacitors are used, such as
1000
µF to 5000µF and the V
POWER pin is instantaneously shorted
to ground, damage can occur. A diode from output to input is
recommended, when a crowbar circuit at the input of the
AMS1505V is used (Figure 6). Normal power supply cycling or
even plugging and unplugging in the system will not generate
current large enough to do any damage.
CONTROL
POWER
OUTPUT
AMS1505V
SENSE
ADJ
R1
R2
V
OUT
V
POWER
+
+
+
D2*
D1*
V
CONTROL
Figure 6. Optional Clamp Diodes Protect Against
Input Crowbar Circuits
If the AMS1505V is connected as a single supply device with the
control and power input pins shorted together the internal diode
between the output and the power input pin will protect the
control input pin. As with any IC regulator, none the protection
circuitry will be functional and the internal transistors will break
down if the maximum input to output voltage differential is
exceeded.
Thermal Considerations
The AMS1505V series have internal power and thermal limiting
circuitry designed to protect the device under overload conditions.
However maximum junction temperature ratings should not be
exceeded under continuous normal load conditions. Careful
consideration must be given to all sources of thermal resistance
from junction to ambient, including junction-to-case, case-to-heat
sink interface and heat sink resistance itself.
Thermal resistance specification for both the Control Section and
the Power Transistor are given in the electrical characteristics.
The thermal resistance of the Control section is given as
0.65
°C/W and junction temperature of the Control section can
run up to 125
°C. The thermal resistance of the Power section is
given as 2.7
°C/W and junction temperature of the Power section
can run up to 150
°C. Due to the thermal gradients between the
power transistor and the control circuitry there is a significant
difference in thermal resistance between the Control and Power
sections.
Virtually all the power dissipated by the device is dissipated in
the power transistor. The temperature rise in the power transistor
will be greater than the temperature rise in the Control section
making the thermal resistance lower in the Control section. At
power levels below 12W the temperature gradient will be less
than 25
°C and the maximum ambient temperature will be
determined by the junction temperature of the Control section.
This is due to the lower maximum junction temperature in the
Control section. At power levels above 12W the temperature
gradient will be greater than 25
°C and the maximum ambient
temperature will be determined by the Power section. In both
cases the junction temperature is determined by the total power
dissipated in the device. For most low dropout applications the
power dissipation will be less than 12W.
The power in the device is made up of two components: the
power in the output transistor and the power in the drive circuit.
The power in the control circuit is negligible.
The power in the drive circuit is equal to:
PDRIVE = (VCONTROL - VOUT)(ICONTROL)
where
ICONTROL
is
equal
to
between
IOUT/100(typ)
and
IOUT/58(max).
The power in the output transistor is equal to:
POUTPUT = (VPOWER -VOUT)(IOUT)
The total power is equal to:
PTOTAL = PDRIVE + POUTPUT
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die. This is
the lowest resistance path for the heat flow. In order to ensure the
best possible thermal flow from this area of the package to the
heat sink proper mounting is required. Thermal compound at the
case-to-heat
sink
interface
is
recommended.
A
thermally
conductive spacer can be used, if the case of the device must be
electrically isolated, but its added contribution to thermal
resistance has to be considered.


Número de pieza similar - AMS1505CMV-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1505CMV-3.0 ADMOS-AMS1505CMV-3.0 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505CMV-3.3 ADMOS-AMS1505CMV-3.3 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505CMV-3.5 ADMOS-AMS1505CMV-3.5 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - AMS1505CMV-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505 ADMOS-AMS1505_05 Datasheet
177Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATORS
AMS1505 ADMOS-AMS1505 Datasheet
76Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com