Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS2954AC-33 Datasheet(PDF) 9 Page - Advanced Monolithic Systems

No. de pieza AMS2954AC-33
Descripción Electrónicos  250mA LOW DROPOUT VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2954AC-33 Datasheet(HTML) 9 Page - Advanced Monolithic Systems

Back Button AMS2954AC-33 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 9Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 10Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 11Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 12Page - Advanced Monolithic Systems AMS2954AC-33 Datasheet HTML 13Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2954
APPLICATION HINTS
External Capacitors
A 1.0
µF or greater capacitor is required between output and
ground for stability at output voltages of 5V or more. At lower
output voltages, more capacitance is required (2.2
µ or more is
recommended for 2.5V, 3.0V and 3.3V versions). Without this
capacitor the part will oscillate.
Most types of tantalum or
aluminum electrolytic works fine here; even film types work but
are not recommended for reasons of cost. Many aluminum types
have electrolytes that freeze at about -30
°C, so solid tantalums are
recommended
for
operation
below
-25
°C. The important
parameters of the capacitor are an ESR of about 5
Ω or less and
resonant frequency above 500 kHz parameters in the value of the
capacitor. The value of this capacitor may be increased without
limit.
At lower values of output current, less output capacitance is
required for stability. The capacitor can be reduced to 0.33
µF for
currents below 10 mA or 0.1
µF for currents below 1 mA. Using
the adjustable versions at voltages below 5V runs the error
amplifier at lower gains so that more output capacitance is needed.
For the worst-case situation of a 300mA load at 1.23V output
(Output shorted to Feedback) a 3.3
µF (or greater) capacitor should
be used.
Unlike many other regulators, the AMS2954, will remain stable
and in regulation with no load in addition to the internal voltage
divider. This is especially important in CMOS RAM keep-alive
applications. When setting the output voltage of the AMS2954
version with external resistors, a minimum load of 1
µA is
recommended.
A 1
µF tantalum or aluminum electrolytic capacitor should be
placed from the AMS2954/AMS2954 input to the ground if there
is more than 10 inches of wire between the input and the AC filter
capacitor or if a battery is used as the input.
Stray capacitance to the AMS2954 Feedback terminal can cause
instability. This may especially be a problem when using a higher
value of external resistors to set the output voltage. Adding a 100
pF capacitor between Output and Feedback and increasing the
output capacitor to at least 3.3
µF will fix this problem.
Error Detection Comparator Output
The comparator produces a logic low output whenever the
AMS2954
output
falls
out
of
regulation
by
more
than
approximately 5%. This figure is the comparator’s built-in offset
of about 60 mV divided by the 1.235 reference voltage (Refer to
the block diagram). This trip level remains “5% below normal”
regardless of the programmed output voltage of the 2951. For
example, the error flag trip level is typically 4.75V for a 5V output
or 11.4V for a 12V output. The out of regulation condition may be
due either to low input voltage, current limiting, or thermal
limiting.
Figure 1 gives a timing diagram depicting the ERROR signal and
the regulator output voltage as the AMS2954 input is ramped up
and down. For 5V versions the ERROR signal becomes valid
(low) at about 1.3V input. It goes high at about 5V input (the input
voltage at which Vout = 4.75 ).
Since the AMS2954’s dropout voltage is load dependent (see
curve in typical performance characteristics), the input voltage trip
point (about 5V) will vary with the load current. The output
voltage trip point (approx. 4.75V) does not vary with load.
The error comparator has an open-collector output which requires
an external pull-up resistor. This resistor may be returned to the
output or some other supply voltage depending on system
requirements. In determining a value for this resistor, note that the
output is rated to sink 400
µA, this sink current adds to battery
drain in a low battery condition. Suggested values range from
100K to 1M
Ω. The resistor is not required if this output is unused.
OUTPUT
VOLTAGE
ERROR*
INPUT
VOLTAGE
4.75V
5V
1.3V
FIGURE 1. ERROR Output Timing
*When VIN 1.3V the error flag pin becomes a high impedance,
and the error flag voltage rises to its pull-up voltage. Using Vout as
the pull-up voltage (see Figure 2), rather than an external 5V
source, will keep the error flag voltage under 1.2V (typ.) in this
condition. The user may wish to drive down the error flag voltage
using equal value resistors (10 k
suggested), to ensure a low-
level logic signal during any fault condition, while still allowing a
valid high logic level during normal operation.
Programming the Output Voltage
The AMS2954 may be pin-strapped for the nominal fixed output
voltage using its internal voltage divider by tying the output and
sense pins together, and also tying the feedback and VTAP pins
together.
Alternatively, it may be programmed for any output
voltage between its 1.235V reference and its 30V maximum
rating.
As seen in Figure 2, an external pair of resistors is
required.
The complete equation for the output voltage is:
Vout = VREF × (1 + R1/ R2)+ IFBR1
where VREF is the nominal 1.235 reference voltage and IFB is the
feedback pin bias current, nominally -20 nA.
The minimum
recommended load current of 1
µA forces an upper limit of 1.2
M
Ω on value of R
2, if the regulator must work with no load (a
condition often found in CMOS in standby) IFB will produce a 2%
typical error in VOUT which may be eliminated at room
temperature by trimming R1. For better accuracy, choosing R2 =
100k reduces this error to 0.17% while increasing the resistor
program current by 12
µA. Since the AMS2954 typically draws 60
µA at no load with Pin 2 open-circuited, this is a small price to
pay.


Número de pieza similar - AMS2954AC-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2954AC-X ADMOS-AMS2954AC-X Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - AMS2954AC-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com