Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PE8247 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

No. de Pieza. PE8247
Descripción  50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo 

PE8247 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per
GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber
optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA To SMAAdjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable
Phase of 60.00 Deg. Per GHz PE8247
URL: http://www.pasternack.com/sma-female-sma-female-adjustable-phase-trimmer-dc-18-ghz-pe8247-p.aspx
PE8247
PE8247 REV
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From
DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn