Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES-2206 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza ES-2206
Descripción Electrónicos  6.5" Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2206 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ES-2206 Datasheet HTML 1Page - Advantech Co., Ltd. ES-2206 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES-2106/2206
6.5" Open Frame and
Rugged Panel Mount Monitor
ES-2106
ES-2206
Features
 6.5" LCD supports 640 x 480 pixels and wide operating temperature
(-0 ~ 50° C)
 Resistive touch screen and tempered glass options
 Capacitive touch solution (optional)
 Versatile mounting brackets
 Modular architecture for efficient integration
 Sunlight readable (optional)
 Ultra-high brightness up to 1000 cd/m2 with LED backlight technology
(optional)
 Rugged aluminum front bezel design (ES-2206)
 VGA interface
RoHS
COMPLIANT
2002/95/EC
Introduction
The Advantech ES-2106/2206 Embedded Open Frame and Rugged Panel Mount Monitor series offer flexible options for LCD panel, touch screen, signal interface and chassis
mounting. The series supports panel and VESA mounting, and is supplied with four versatile mounting brackets for different integration applications. The Advantech Display Solutions
Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/ DisplaySolution.asp) enables easy selection of model numbers by choosing the required options.
Specifications
Processor System
I/O Ports
15-pin D-sub, DC power input, RS-232 port, Power Switch and OSD keys (Auto-tune, menu, decrease, increase)
Display Input Signal
Analog RGB, 0.7 VP-P / 75 0hm, optional LVDS
Multi-Scan Mode
Multi-Scan Mode supports VGA, SVGA
OSD Control
Keys: Auto-tune, menu, decrease and increase
Functions: Brightness, Contrast, Clock, Phase, Horizontal Position, Vertical Position and Sharpness
Power
External 48 W power adapter, with AC 100 ~ 230 V input and DC +12 V @ 4 A output
Dimensions (Wx H x D)
Please refer to the product dimension diagram on next page
Weight
ES-2106: 1.5 kg
ES-2206: 1.8 kg
Environment
Operating Temperature
-0 ~ 50° C
Storage Temperature
-0 ~ 50° C for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
ROHS compliance
Display
Feature
Standard
Sunlight Readable
Size
6.5"
6.5"
Resolution (pixels)
640 x 480 VGA
640 x 480 VGA
Number of Colors
16.2 M
16.2 M
Viewing Angle (L/R/U/D)
70°/70°/60°/60°
70°/70°/60°/60°
Brightness (cd/m2)
500
600
Contrast Ratio
600:1
600:1
Response Time (ms)
25
25
Lamp Life (hrs)
50,000
50,000
Long-term Support
Yes
Yes
Anti-reflection
N/A
Yes
Touchscreen
Type
Analog Resistive
Capacitive
Thickness
1.87 mm
3.18 mm
Resolution
continuous
1024 x 1024
Light Transmission
over 80%
85%
Controller Interface
RS232/USB
RS-232
Power Consumption
+5 V @ 20 mA
+5 V @ 100 mA
Durability (Touches)
36 million hrs
225 million hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
Display Solutions


Número de pieza similar - ES-2206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ES-2206 ADVANTECH-ES-2206 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206C-VVA-SRE ADVANTECH-ES-2206C-VVA-SRE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206R-VVAE ADVANTECH-ES-2206R-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com