Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0453391604 Datasheet(Hoja de datos) 7 Page - Molex Electronics Ltd.

No. de Pieza. 0453391604
Descripción  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

 7 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006- 1391
A
DATE:
2005/12/13
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
7 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45339-001
M. Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
4.3
Clearances Between Mated Parts
The HandyLink connectors are designed such that the corresponding ‘front’ faces fully engage and then spring back 0.20mm to the
final mated condition. This ‘over-travel clearance’ assures that the components of the passive latching system engage. Please see
Section 6.4 Design Best Practices for further detailed information.
5.0 SOLDERING PROCESS RECOMMENDATIONS
5.1 44828 SMT Receptacle Connector
5.1.1
PCB Layout
See the applicable Sales Drawing for an illustration of the recommended PCB layout. Contact Molex if further assistance is required.
5.1.2
Solder Paste Stencil Layout
See Sales Drawing for solderable surfaces. Contact Molex if further assistance is required.
5.1.3
Reflow Profile
While the production solder reflow profile is typically established by the customer, based on their specific application, generic reflow
profiles can be found in Product Specification PS-44828-001. The profiles are provided for reference purposes only.
5.1.4
Inspection
Solder joints should be inspected using established conventional methods.
5.2 45560 SMT Cradle Connector
5.2.1
PCB Layout
See the applicable Sales Drawings for illustrations of the recommended PCB pad layouts. Contact Molex if further assistance is
required.
5.2.2
Solder Paste Stencil Layout
See Sales Drawing for recommended PCB pad layout and solder paste thickness.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl