Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML2002-2U Datasheet(PDF) 4 Page - Minilogic Device Corporation Limited

No. de pieza ML2002-2U
Descripción Electrónicos  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINILOGIC [Minilogic Device Corporation Limited]
Página de inicio  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002-2U Datasheet(HTML) 4 Page - Minilogic Device Corporation Limited

  ML2002-2U Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
P4/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
With MS connected to GND, it represents it is in slave mode, it will treat all the DIN data as display data
and will be sent to ML2002’s display shift register directly through DIN and DCLK.
To Load display data onto the screen, LAI need to be high, then a rising edge of DCLK would load the
display, the LAI need to keep low again.
There are 48 Segments in Static Mode, and 96 Segments in 1/2 Duty Mode with 1/2 Bias. The display
data should be input in reverse order, for static it’s starting from SEG48, SEG47… SEG2 to SEG1, for
1/2 duty it’s starting from SEG48-COMB, SEG48-COMA … SEG1-COMB to SEG1-COMA for proper
display of data. When updating the display, it will require inputting 48 Segments in Static Mode and 96
Segments in 1/2 Duty Mode.
i) Internal Power on reset
At power on the ML2002 will reset the internal display Data RAM as cleared.
Timing Diagram for slave mode display
Functional Description


Número de pieza similar - ML2002-2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML2002-2U MINILOGIC-ML2002-2U Datasheet
3Mb / 13P
   Static/Half Duty LCD COG Driver with Real Time Clock
More results

Descripción similar - ML2002-2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
   Static/Half Duty LCD COG Driver with Real Time Clock
ML1001 MINILOGIC-ML1001 Datasheet
644Kb / 14P
   ML1001 Series Static LCD COG Driver
logo
Epson Company
S2S65A30 EPSON-S2S65A30 Datasheet
534Kb / 38P
   One-chip solution, which can reduce system cost.
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
logo
Rohm
BU91R65CH-M3BW ROHM-BU91R65CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
BU91R64CH-M3BW ROHM-BU91R64CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090K3T WALSIN-RFBLN2012090K3T Datasheet
242Kb / 3P
   Low insertion loss which can reduce power consumption
logo
Bolymin, Inc
BO320240B BOLYMIN-BO320240B Datasheet
193Kb / 1P
   COG package LCD driver only
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20120G9D5T WALSIN-RFBLN20120G9D5T Datasheet
234Kb / 3P
   Low insertion loss which can reduce power consumption
RFBLN1608050AM6T30 WALSIN-RFBLN1608050AM6T30 Datasheet
363Kb / 3P
   Low insertion loss which can reduce power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com