Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSZ9031MNX Datasheet(PDF) 62 Page - Micrel Semiconductor

No. de pieza KSZ9031MNX
Descripción Electrónicos  The KSZ9031MNX is a completely integrated triple-speed (10Base-T/100Base-TX/1000Base-T) Ethernet physicallayer transceiver for transmission and reception of data on standard CAT-5 unshielded twisted pair (UTP) cable.
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ9031MNX Datasheet(HTML) 62 Page - Micrel Semiconductor

Back Button KSZ9031MNX Datasheet HTML 58Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 59Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 60Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 61Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 62Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 63Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 64Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 65Page - Micrel Semiconductor KSZ9031MNX Datasheet HTML 66Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
Micrel, Inc.
KSZ9031MNX
October 2012
62
M9999-103112-1.0
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage
DVDDH (digital I/Os) = 3.3V
1.3
V
DVDDH (digital I/Os) = 2.5V
1.0
V
DVDDH (digital I/Os) = 1.8V
0.7
V
|IIN|
Input Current
VIN = GND ~ VDDIO
10
µA
CMOS Outputs
VOH
Output High Voltage
DVDDH (digital I/Os) = 3.3V
2.7
V
DVDDH (digital I/Os) = 2.5V
2.0
V
DVDDH (digital I/Os) = 1.8V
1.5
V
VOL
Output Low Voltage
DVDDH (digital I/Os) = 3.3V
0.3
V
DVDDH (digital I/Os) = 2.5V
0.3
V
DVDDH (digital I/Os) = 1.8V
0.3
V
|Ioz|
Output Tri-State Leakage
10
µA
LED Outputs
ILED
Output Drive Current
Each LED pin (LED1, LED2)
8
mA
Pull-Up Pins
pu
Internal Pull-Up Resistance
(MDC, MDIO, RESET_N pins)
DVDDH (digital I/Os) = 3.3V
13
22
31
k
DVDDH (digital I/Os) = 2.5V
16
28
39
k
DVDDH (digital I/Os) = 1.8V
26
44
62
k
100Base-TX Transmit (measured differentially after 1:1 transformer)
VO
Peak Differential Output Voltage
100
Ω termination across differential output
0.95
1.05
V
VIMB
Output Voltage Imbalance
100
Ω termination across differential output
2
%
tr, tf
Rise/Fall Time
3
5
ns
Rise/Fall Time Imbalance
0
0.5
ns
Duty Cycle Distortion
±0.25
ns
Overshoot
5
%
Output Jitter
Peak-to-peak
0.7
ns
10Base-T Transmit (measured differentially after 1:1 transformer)
VP
Peak Differential Output Voltage
100
Ω termination across differential output
2.2
2.8
V
Jitter Added
Peak-to-peak
3.5
ns
Harmonic Rejection
Transmit all-one signal sequence
–31
dB
10Base-T Receive
VSQ
Squelch Threshold
5MHz square wave
300
400
mV
Transmitter – Drive Setting
VSET
Reference Voltage of ISET
R(ISET) = 12.1k
Ω
1.2
V
LDO Controller – Drive Range
VLDO_O
Output drive range for LDO_O
(pin 58) to gate input of
P-channel MOSFET
AVDDH = 3.3V for MOSFET source voltage
0.85
2.8
V
AVDDH = 2.5V for MOSFET source voltage
(recommended for commercial temperature
range operation only)
0.85
2.0
V


Número de pieza similar - KSZ9031MNX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
820Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
DS00002096F (04-26-22)
KSZ9031MNXCA MICROCHIP-KSZ9031MNXCA Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
KSZ9031MNXCA MICROCHIP-KSZ9031MNXCA Datasheet
820Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
DS00002096F (04-26-22)
KSZ9031MNXCC MICROCHIP-KSZ9031MNXCC Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
More results

Descripción similar - KSZ9031MNX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
   10BASE-T/ 100BASE-TX Ethernet PHY
logo
Integrated Circuit Syst...
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
   10Base-T/100Base-TX Integrated PHYceiver
logo
List of Unclassifed Man...
HFJV1-2450RL ETC2-HFJV1-2450RL Datasheet
126Kb / 3P
   10BASE-T and 10/100BASE-TX Integrated Ethernet RJ-45 Connectors
logo
Agere Systems
3X38FTR AGERE-3X38FTR Datasheet
869Kb / 64P
   OCTAL-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
   QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8081MNX MICREL-KSZ8081MNX Datasheet
1Mb / 69P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8091RNA MICREL-KSZ8091RNA Datasheet
1Mb / 67P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com